Electronic Components Datasheet Search
  English  ▼

X  

ADCMXL3021 Datasheet(PDF) 14 Page - Analog Devices

Part # ADCMXL3021
Description  Wide Bandwidth, Low Noise, Triaxial Vibration Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMXL3021 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADCMXL3021 Datasheet HTML 10Page - Analog Devices ADCMXL3021 Datasheet HTML 11Page - Analog Devices ADCMXL3021 Datasheet HTML 12Page - Analog Devices ADCMXL3021 Datasheet HTML 13Page - Analog Devices ADCMXL3021 Datasheet HTML 14Page - Analog Devices ADCMXL3021 Datasheet HTML 15Page - Analog Devices ADCMXL3021 Datasheet HTML 16Page - Analog Devices ADCMXL3021 Datasheet HTML 17Page - Analog Devices ADCMXL3021 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
ADcmXL3021
Data Sheet
Rev. A | Page 14 of 50
THEORY OF OPERATION
The ADcmXL3021 is a triaxial, vibration monitoring subsystem
that includes wide bandwidth, low noise MEMS accelerometers, an
analog-to-digital converter (ADC), high performance signal
processing, data buffers, record storage, and a user interface that
easily interfaces with most embedded processors. See Figure 33
for a basic signal chain. The subsystem is housed in an aluminum
module that is mounted using four screws (accepts screw size
M2.5) and is designed to be mechanically stable beyond 40 kHz.
The combination of this mechanical mounting and oversampling
ensures that aliasing artifacts are minimized.
MEMS
SENSOR
SIGNAL
PROCESSING
BUFFER/RECORDS
USER
INTERFACE
ADC
Figure 33. Basic Signal Chain
The ADcmXL3021 has a high operating input range of ±50 g
and is suitable for vibration measurements in high bandwidth
applications, such as vibration analysis systems that monitor
and diagnose machine or system health. User configurable
internal processing supports both time domain and frequency
domain calculations.
The low noise and high frequency bandwidth enable the
measurement of both repetitive vibration patterns and single
shock events caused by small moving parts, such as internal
bearings. The high g range provides the dynamic range to be
used in high vibration environments, such as heating, ventilation,
and air conditioning systems (HVAC), and heavy machine
equipment. To achieve best performance, be aware of system
noise, mounting, and signal conditioning for the particular
application.
Proper mounting is required to ensure full mechanical transfer
of vibration to accurately measure the desired vibration. A
common technique for high frequency mechanical coupling is
to use a combination of a threaded screw mount system and
adhesive where possible. For lower frequencies (below the full
capable bandwidth of the sensor), it is possible to use magnetic or
adhesive mounting. Proper mounting techniques ensure
accurate and repeatable results that are not influenced by
measurement system mechanical resonances and/or damping at
the desired frequencies, and represents an efficient and proper
mechanical transfer to the system being monitored.
CORE SENSORS
The ADcmXL3021 uses three ADXL1002 MEMS accelerometers,
with sensing axes configured to be mutually orthogonal to each
other. Figure 34 is a simple mechanical diagram that shows how
MEMS accelerometers translate linear acceleration to
representative output signals.
The moving component of the sensor is a polysilicon surface-
micromachined structure built on top of a silicon wafer.
Polysilicon springs suspend the structure over the surface of
the wafer and provide a resistance against acceleration forces.
Deflection of the structure is measured using differential capacitors
that consist of independent fixed plates and plates attached to
the moving mass. Acceleration deflects the structure and
unbalances the differential capacitor, resulting in a sensor
output with an amplitude proportional to acceleration. Phase
sensitive demodulation determines the magnitude and polarity
of the acceleration.
MOVABLE
FRAME
UNIT
FORCING
CELL
UNIT SENSING
CELL
MOVING
PLATE
FIXED
PLATES
PLATE
CAPACITORS
ANCHOR
ANCHOR
Figure 34. MEMS Sensor Diagram
SIGNAL PROCESSSING
The signal chain of the ADcmXL3021 includes wideband
accelerometers to monitor three axes, a low-pass analog filter
with a 13.5 kHz cutoff frequency, an oversampling ADC (sampling
at 220 kSPS per axis), a microcontroller, and discrete components
to provide a flexible vibration monitor subsystem that supports
multiple processed output modes. There are four modes of
operation. One mode of operation is the full rate real-time
streaming (RTS) output. The three other modes include system
level signal processing: manual FFT mode (MFFT), automatic
FFT mode (AFFT), and manual time capture (MTC) mode
MTC mode supports 4096 consecutive time domain samples to
which averaging, finite impulse response (FIR), and windowing
signal processing can be enabled, along with the calculation of
statistics, alarm configuring, and monitoring. In MTC mode, the
raw time domain data is made available in register buffers for all
three axes for the user to access and externally process.
In both FFT modes, manual fast Fourier transform (MFFT) and
AFFT modes support the process of calculating an FFT of the
current time domain record.
Finally, a continuous RTS mode bypasses all device digital
computations and alarm monitoring, outputting real-time data
over the SPI in burst data output format (see Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com