Electronic Components Datasheet Search
  English  ▼

X  

ADCMXL3021 Datasheet(PDF) 21 Page - Analog Devices

Part # ADCMXL3021
Description  Wide Bandwidth, Low Noise, Triaxial Vibration Sensor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMXL3021 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADCMXL3021 Datasheet HTML 17Page - Analog Devices ADCMXL3021 Datasheet HTML 18Page - Analog Devices ADCMXL3021 Datasheet HTML 19Page - Analog Devices ADCMXL3021 Datasheet HTML 20Page - Analog Devices ADCMXL3021 Datasheet HTML 21Page - Analog Devices ADCMXL3021 Datasheet HTML 22Page - Analog Devices ADCMXL3021 Datasheet HTML 23Page - Analog Devices ADCMXL3021 Datasheet HTML 24Page - Analog Devices ADCMXL3021 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Data Sheet
ADcmXL3021
Rev. A | Page 21 of 50
Busy Signal
The factory default configuration provides the user with a busy
signal (BUSY), which pulses low when the output data registers
are updating (see signal orientation of busy signal in Figure 45).
In this configuration, connect BUSY to an interrupt service pin
on the embedded processor, which triggers data collection,
when this signal pulses high.
BUSY
AVAILABLE
SPI
COMMAND
NOT AVAILABLE
Figure 45. Busy Signal (BUSY) Orientation after SPI command
During the start-up and reset recovery processes, the BUSY
signal can exhibit some transient behavior before data production
begins. Figure 45 provides an example of the BUSY behavior
during command processing. A low signal indicates SPI access
is not available with the exception of the escape code that can
terminate a capture. Figure 46 shows the BUSY signal during
power up.
VDD
BUSY
START-UP TIME
~200ms
TIME THAT VDD > 3V
MICROCONTROLLER IS BUSY
WHEN BUSY IS LOW
Figure 46. BUSY Response During Startup
RTS
The RTS function provides a method for reading data (time
domain acceleration data for each axis, temperature, status, and
CRC code) that does not require a stall time between each
16-bit segment and only requires one command on the DIN line
to initiate. System processors can execute this mode by reading
each segment of data in the response, while holding the CS line
in a low state, until after reading the last 16-bit segment of data.
If the CS line goes high before the completion of all data
acquisition, the data from that read request is lost.
The RTS burst contains 100 16 bits words (a header, including a
incrementing counter, 32 x-axis samples, 32 y-axis samples, 32 z-
axis samples, temperature, status, and CRC). The external SCLK
rate must be between 12.5 MHz to 14 MHz to ensure the complete
burst is read out before current data in the register buffer is
overwritten. The maximum SCLK for RTS burst outputs is
14 MHz ± 1%. The minimum SCLK required to support the
transfer is 12.5 MHz. The RTS burst response uses the
sequencing diagrams shown in Figure 4 and Figure 5 and the
data format shown in Table 18.
When first entering RTS mode capture, the first eight samples
are all 0s and the CRC for the first frame is invalid. It is
recommended that the first frame be ignored and that the
data for the second frame and all subsequent frames be used.
Table 18. RTS Data Format
Byte Location in
Output Dataset
2-Byte Value Represents
0
Fixed header: 0xccAD; where cc is an
incrementing counter value from 0x00 to
0xFF, which returns to 0x00 after 0xFF
2
X-axis data (0) (oldest data from x-axis)
4
X-axis data (1)
6
X-axis data (2)
…
…
64
X-axis data (31)
66
Y-axis data (0) (oldest data from y-axis)
68
Y-axis data (1)
…
…
128
Y-axis data (31)
130
Z-axis data (0) (oldest data from z-axis)
132
Z-axis data (1)
134
Z-axis data (2)
…
…
192
Z-axis data (31)
194
Temperature
196
Status
198
CRC-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com