Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 32 Page - Analog Devices

Part # AD5422
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5422 Datasheet HTML 28Page - Analog Devices AD5422 Datasheet HTML 29Page - Analog Devices AD5422 Datasheet HTML 30Page - Analog Devices AD5422 Datasheet HTML 31Page - Analog Devices AD5422 Datasheet HTML 32Page - Analog Devices AD5422 Datasheet HTML 33Page - Analog Devices AD5422 Datasheet HTML 34Page - Analog Devices AD5422 Datasheet HTML 35Page - Analog Devices AD5422 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 32 of 75
SERIAL INTERFACE
The ADFS5758 is controlled over a versatile 4-wire serial
interface that operates at clock rates of up to 50 MHz and is
compatible with SPI, QSPI, MICROWIRE, and DSP standards.
Data coding is always straight binary.
Input Shift Register
With SPI CRC enabled (default state), the input shift register is
32 bits wide. Data is loaded into the device MSB first as a 32-bit
word under the control of a serial clock input, SCLK. Data is
clocked in on the falling edge of SCLK. If CRC is disabled, the
serial interface is reduced to 24 bits. A 32-bit frame is still
accepted, but the last eight bits are ignored. See the Register
Map section for full details on the registers that can be
addressed via the SPI interface.
Table 7. Writing to a Register (CRC Enabled)
MSB
LSB
D31
D30:D29
D28:D24
D23:D8
D7:D0
Slip Bit
ADFS5758
address
Register
address
Data
CRC
Transfer Function
Table 8 shows the input code to ideal output voltage relation-
ship for the ADFS5758 for straight binary data coding of the
±5 V output range.
Table 8. Ideal Output Voltage to Input Code Relationship
Digital Input, Straight Binary
Data Coding
Analog Output
MSB
LSB
VOUT
1111
1111
1111
1111
+2 × VREF × (32,767/32,768)
1111
1111
1111
1110
+2 × VREF × (32,766/32,768)
1000
0000
0000
0000
0 V
0000
0000
0000
0001
−2 × VREF × (32,767/32,768)
0000
0000
0000
0000
−2 × VREF
POWER-ON STATE OF THE ADFS5758
On initial power-on or a device reset, the voltage and current
output channel is disabled. The switch connecting VIOUT via a
30 kΩ pull-down resistor to AGND is open. This switch can be
configured in the DCDC_CONFIG2 register. VDPC+ is internally
driven to 4.8 V on power-on until the dc-to-dc converter is
enabled.
After device power-on, or a device reset, a calibration memory
refresh command is required (see the Echo Mode section). It is
recommended to wait 500 µs minimum after writing this
command, before writing further instructions to the device to
allow time for internal calibrations to take place (see Figure 93).
Power-On Reset
3.3V
VLDO
POWER-ON
RESET
SOFTWARE
RESET
HARDWARE
RESET
INT_AVDD
RESET
SDI
SCLK
VLDO
AVDD2
SYNC
Figure 76. Power-On Reset Block Diagram
The ADFS5758 incorporates a power-on reset circuit that
ensures the ADFS5758 is held in reset while the power supplies
are at a level insufficient to allow reliable operation. The power-
on reset circuit (see Figure 76) monitors the AVDD2 generated
VLDO and INT_AVCC voltages, the RESET pin, and the SPI
reset signal. The power-on reset circuit keeps the ADFS5758 in
reset until the voltages on the VLDO, and INT_AVCC nodes
are sufficient for reliable operation. If the power-on circuit
receives a signal from the RESET pin or if a software reset is
written to the ADFS5758 via the SPI interface, the ADFS5758 is
reset. Do not write SPI commands to the device within 100 μs
of a reset event.
POWER SUPPLY CONSIDERATIONS
The ADFS5758 has four supply rails: AVDD1, AVDD2, AVSS, and
VLOGIC. See the Specifications section for the voltage range of the
four supply rails and the associated conditions.
AVDD1 Considerations
AVDD1 is the supply rail for the dc-to-dc converter and can
range from 7 V to 33 V. Although the maximum value of AVDD1
is 33 V and the minimum value of AVSS is −33 V, the maximum
operating range of |AVDD1 to AVSS| is 60 V. VDPC+ is derived
from AVDD1, and its value depends on the mode of operation of
the dc-to-dc converter.
The dc-to-dc converter requires a sufficient level of margin to
be maintained between AVDD1 and VDPC+ to ensure the dc-to-dc
circuitry operates correctly. This margin is 5% of the maximum
VDPC+ voltage for a given mode of operation.
Table 9. AVDD1 to VDPC+ Margin
Mode of Operation
VDPC+ Maximum
DPC Voltage Mode
15 V
DPC Current Mode
(IOUT maximum × RLOAD) + IOUT headroom
PPC Current Mode
DCDC_CONFIG1, Bits[4:0] programmed
value
See the Power Dissipation Control section for further details on
the dc-to-dc converter modes of operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com