Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5422
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5422 Datasheet HTML 2Page - Analog Devices AD5422 Datasheet HTML 3Page - Analog Devices AD5422 Datasheet HTML 4Page - Analog Devices AD5422 Datasheet HTML 5Page - Analog Devices AD5422 Datasheet HTML 6Page - Analog Devices AD5422 Datasheet HTML 7Page - Analog Devices AD5422 Datasheet HTML 8Page - Analog Devices AD5422 Datasheet HTML 9Page - Analog Devices AD5422 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
ADFS5758
Data Sheet
Rev. 0 | Page 6 of 75
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE OUTPUT
Output Voltage Ranges (VOUT)
0
5
V
Trimmed VOUT ranges
0
10
V
−5
+5
V
−10
+10
V
Output Voltage Overranges
0
6
V
Untrimmed overranges
0
12
V
−6
+6
V
−12
+12
V
Output Voltage Offset Ranges
−0.3
+5.7
V
Untrimmed negatively offset ranges
−0.4
+11.6
V
Resolution
16
Bits
VOLTAGE OUTPUT ACCURACY
Loaded and unloaded, accuracy specifications
refer to trimmed VOUT ranges only, unless
otherwise noted
TUE
−0.05
+0.05
% FSR
−0.01
+0.01
% FSR
TA = 25°C
TUE Long-Term Stability2
15
ppm FSR
Drift after 1000 hours, TJ = 135°C
Output Drift
0.35
1.35
ppm FSR/°C
Output drift
Relative Accuracy (INL)
−0.006
+0.006
% FSR
All ranges
DNL
−1
+1
LSB
Guaranteed monotonic, all ranges
Zero-Scale Error
−0.02
±0.002
+0.02
% FSR
Zero-Scale Error TC3
±0.3
ppm FSR/°C
Bipolar Zero Error
−0.015
+0.001
+0.015
% FSR
±5 V, ±10 V
Bipolar Zero Error TC3
±0.3
ppm FSR/°C
±5 V, ±10 V
Offset Error
−0.02
±0.002
+0.02
% FSR
Offset Error TC3
±0.3
ppm FSR/°C
Gain Error
−0.02
±0.001
+0.02
% FSR
Gain Error TC3
±0.3
ppm FSR/°C
Full-Scale Error
−0.02
±0.001
+0.02
% FSR
Full-Scale Error TC3
±0.3
ppm FSR/°C
VOLTAGE OUTPUT
CHARACTERISTICS
Headroom
2
V
Minimum voltage required between VIOUT and
VDPC+ supply
Footroom
2
V
Minimum voltage required between VIOUT and
AVSS supply
Short-Circuit Current
16
mA
Load3
1
kΩ
For specified performance
Capacitive Load Stability3
10
nF
2
µF
External compensation capacitor of 220 pF
connected
DC Output Impedance
7
mΩ
DC PSRR
10
µV/V
VOUT/−VSENSE Common-Mode
Rejection Ratio (CMRR)
10
µV/V
Error in VOUT voltage due to changes in −VSENSE
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com