Electronic Components Datasheet Search
  English  ▼

X  

AD5422 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5422
Description  Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5422 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5422 Datasheet HTML 15Page - Analog Devices AD5422 Datasheet HTML 16Page - Analog Devices AD5422 Datasheet HTML 17Page - Analog Devices AD5422 Datasheet HTML 18Page - Analog Devices AD5422 Datasheet HTML 19Page - Analog Devices AD5422 Datasheet HTML 20Page - Analog Devices AD5422 Datasheet HTML 21Page - Analog Devices AD5422 Datasheet HTML 22Page - Analog Devices AD5422 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 75 page
background image
Data Sheet
ADFS5758
Rev. 0 | Page 19 of 75
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
6
8
10
12
14
16
18
20
22
24
26
28
30
SUPPLY (V)
4mA TO 20mA RANGE MAX TUE
4mA TO 20mA RANGE MIN TUE
RLOAD = 300Ω
TA = 25°C
Figure 19. Total Unadjusted Error vs. AVDD1/|AVSS| Supply, Internal RSET
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
SUPPLY (V)
6
8
10
12
14
16
18
20
22
24
26
28
30
4mA TO 20mA RANGE MAX TUE
4mA TO 20mA RANGE MIN TUE
RLOAD = 300Ω
TA = 25°C
Figure 20. Total Unadjusted Error vs. AVDD1/|AVSS| Supply, External RSET
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
6
8
10
12
14
16
18
20
22
24
26
28
30
SUPPLY (V)
4mA TO 20mA RANGE MAX DNL
4mA TO 20mA RANGE MIN DNL
RLOAD = 300Ω
TA = 25°C
Figure 21. DNL Error vs. AVDD1/|AVSS| Supply, Internal RSET
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
6
8
10
12
14
16
18
20
22
24
26
28
30
SUPPLY (V)
4mA TO 20mA RANGE MAX DNL
4mA TO 20mA RANGE MIN DNL
RLOAD = 300Ω
TA = 25°C
Figure 22. DNL Error vs. AVDD1/|AVSS| Supply, External RSET
6
8
10
12
14
16
18
20
22
24
26
28
30
–0.005
–0.003
–0.001
0.001
0
0.003
0.005
SUPPLY (V)
4mA TO 20mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
RLOAD = 300Ω
TA = 25°C
Figure 23. INL Error vs. AVDD1/|AVSS| Supply, Internal RSET
6
8
10
12
14
16
18
20
22
24
26
28
30
–0.005
–0.003
–0.001
0.001
0.003
0.005
SUPPLY (V)
4mA TO 20mA RANGE MAX INL
4mA TO 20mA RANGE MIN INL
RLOAD = 300Ω
TA = 25°C
Figure 24. INL Error vs. AVDD1/|AVSS| Supply, External RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com