Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 28Page - NXP Semiconductors LPC55S2X Datasheet HTML 29Page - NXP Semiconductors LPC55S2X Datasheet HTML 30Page - NXP Semiconductors LPC55S2X Datasheet HTML 31Page - NXP Semiconductors LPC55S2X Datasheet HTML 32Page - NXP Semiconductors LPC55S2X Datasheet HTML 33Page - NXP Semiconductors LPC55S2X Datasheet HTML 34Page - NXP Semiconductors LPC55S2X Datasheet HTML 35Page - NXP Semiconductors LPC55S2X Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 132 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.1 — 6 August 2021
32 of 132
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
PIO1_18/
WAKUP
-G9
64
[2]
ZI/O 0 PIO1_18 — General-purpose digital input/output pin.
This pin can trigger a wake-up from deep power-down
mode.
O1 SD1_POW_EN — SD/MMC 1 card power enable.
2 R — Reserved.
3 R — Reserved.
O4 SCT0_OUT5 — SCTimer/PWM output 5.
5 R — Reserved.
6 R — Reserved.
O7 PLU_OUT0 — PLU output 0.
8 R — Reserved.
PIO1_19/
ACMPVREF
-
H13
58
[4]
Z
I/O;
AI
0 PIO1_19/ACMPVREF — General-purpose digital
input/output pin. Alternate reference voltage for the analog
comparator if the DIGIMODE bit is set to 0 and ANAMODE
is set to 1 in the IOCON register for this pin.
1 R — Reserved.
O2 SCT0_OUT7 — SCTimer/PWM output 7.
O3 CTIMER3_MAT1 — 32-bit CTimer3 match output 1.
I4 SCT0_GPI7 — Pin input 7 to SCTimer/PWM.
I/O 5 FC4_SCK — Flexcomm 4: USART, SPI, or I2S clock.
6 R — Reserved.
O7 PLU_OUT1 — PLU output 1.
8 R — Reserved.
PIO1_20
-
C2
4
[2]
ZI/O 0 PIO1_20 — General-purpose digital input/output pin.
I/O 1 FC7_RTS_SCL_SSEL1 — Flexcomm 7: USART
request-to-send, I2C clock, SPI slave select 1.
2 R — Reserved.
I3 CTIMER_INP14 — Capture input to CTIMER input
multiplexers.
4 R — Reserved.
I/O 5 FC4_TXD_SCL_MISO_WS — Flexcomm 4: USART
transmitter, I2C clock, SPI master-in/slave-out data I/O, I2S
word-select/frame.
6 R — Reserved.
O7 PLU_OUT2 — PLU output 2.
8 R — Reserved.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com