Electronic Components Datasheet Search
  English  ▼

X  

LPC55S2X Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 40Page - NXP Semiconductors LPC55S2X Datasheet HTML 41Page - NXP Semiconductors LPC55S2X Datasheet HTML 42Page - NXP Semiconductors LPC55S2X Datasheet HTML 43Page - NXP Semiconductors LPC55S2X Datasheet HTML 44Page - NXP Semiconductors LPC55S2X Datasheet HTML 45Page - NXP Semiconductors LPC55S2X Datasheet HTML 46Page - NXP Semiconductors LPC55S2X Datasheet HTML 47Page - NXP Semiconductors LPC55S2X Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
LPC55S2x/LPC552x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.1 — 6 August 2021
44 of 132
NXP Semiconductors
LPC55S2x/LPC552x
32-bit ARM Cortex-M33 microcontroller
7.10 Protected Flash Region (PFR)
The protected flash region is available to configure secure boot, debug authentication,
read UUID, store PUF in key store area, and user defined fields available for specific data
storage.
7.11 Memory mapping
7.12 AHB multilayer matrix
The LPC55S2x/LPC552x uses a multi-layer AHB matrix to connect the CPU buses and
other bus masters to peripherals in a flexible manner that optimizes performance by
allowing peripherals that are on different slave ports of the matrix to be accessed
simultaneously by different bus masters. The device block diagram in Figure 3 shows
details of the available matrix connections.
7.13 Memory Protection Unit (MPU)
CPU has a memory protection unit (MPU) that provides fine grain memory control,
enabling applications to implement security privilege levels, separating code, data and
stack on a task-by-task basis. Such requirements are critical in many embedded
applications.
The MPU register interface is located on the CPU private peripheral bus and is described
in detail in Ref 1 “Cortex-M33 DEBUG”
7.14 Links to specific memory map descriptions and tables:
• Section 7.15 “Memory map overview”
• Section 7.16 “APB peripherals”
• Section 7.17 “AHB peripherals”
7.15 Memory map overview
Table 5 gives a more detailed memory map as seen by the Cortex-M33. The purpose of
the four address spaces for the shared RAMs is outlined at the beginning of this chapter.
The details of which shared RAM regions are on which AHB matrix slave ports can be
seen here.
Table 5.
Memory map overview
AHB
port
Start address
End address
Function [1]
0
0x0000 0000
0x0007 FFFF
Flash memory, on CM33 code bus.
0x0300 0000
0x0301 FFFF
Boot ROM, on CM33 code bus.
1
0x0400 0000
0x0400 7FFF
SRAM X on CM33 code bus, 32 KB. SRAMX_0 (0x1400 0000 to 0x1400
0FFF) and SRAMX_1 (0x1400 4000 to 0x1400 4FFF) are used for
Casper (total 8 KB). If CPU retention used in power-down mode,
SRAMX_2 (0x1400 6000 to 0x1400 65FF) is used (total 1.5 KB) by
default in power API and this is user configurable within SRAMX_2 and
SRAMX_3.
2
0x2000 0000
0x2000 FFFF
SRAM 0 on CM33 data bus, 64 KB.
3
0x2001 0000
0x2001 FFFF
SRAM 1 on CM33 data bus, 64 KB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com