Electronic Components Datasheet Search
  English  ▼

X  

MAX14746 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14746
Description  USB Detection with Smart Power Selector Li Chargers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14746 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14746 Datasheet HTML 1Page - Maxim Integrated Products MAX14746 Datasheet HTML 2Page - Maxim Integrated Products MAX14746 Datasheet HTML 3Page - Maxim Integrated Products MAX14746 Datasheet HTML 4Page - Maxim Integrated Products MAX14746 Datasheet HTML 5Page - Maxim Integrated Products MAX14746 Datasheet HTML 6Page - Maxim Integrated Products MAX14746 Datasheet HTML 7Page - Maxim Integrated Products MAX14746 Datasheet HTML 8Page - Maxim Integrated Products MAX14746 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Ordering Information appears at end of data sheet.
General Description
The MAX14746/MAX14747 are a series of USB charger
detectors with an integrated Smart Power Selector™ linear
charger solutions that provide a single-chip solution for
charging and charger detection.
The MAX14746/MAX14747 charger detectors are compliant
to USB Battery Charger Detection Rev 1.2* and capable
of detecting multiple USB battery-charging methods,
including Standard Downstream Ports (SDP), Charging
Downstream Ports (CDP), and Dedicated Charger Ports
(DCP). The devices also detect common proprietary
charge adapters, including those from Apple.
The MAX14746/MAX14747 battery chargers feature
Smart Power Selector operation, allowing operation with
dead or no battery present. The devices limit USB VBUS
current based on the detect charger source type. If the
charger power source is unable to supply the entire system
load, the smart-power control circuit supplements the
system load with current from the battery.
The devices protect against overvoltage faults up to 28V.
This series of USB charger detectors are available with
several options, with slight variations in, for example,
power-up states. These variations are noted throughout
this data sheet.
There are five options available, with slight variations in,
for example, power-up states (see Ordering Information).
The devices are available in a 25-ball, 0.4mm pitch wafer-
level package (WLP), and are specified over the -40°C to
+85°C extended temperature range.
Applications
● Portable Consumer Devices
● Portable Digital Cameras
● Portable Digital Video Cameras
● Portable Industrial Devices
Benefits and Features
● Flexible System Design to Operate with Any USB
Charger Source
• Compliant to USB Battery Charger Rev 1.2
Specification*
• Supports Proprietary USB Charging Sources,
Including Apple
• D+/D- Bias Voltage Supported
● Easy to Implement Li+ Battery Charging
• Smart Power Selector
• Fully Compliant with Dead Battery/Weak Battery
Charging According to USB 2.0 Specification
• JEITA Charge Protection
• Thermal Protection
• Internal USB D+/D- Switch to Manage Connection
● Integrates High Level of Protection
• 28V Tolerant Input on VB
• ±15kV Human Body Model ESD Protection on
CDP and CDN
*Except DCD timeout extended from 900ms to 2s for the
MAX14746/MAX14747.
Smart Power Selector™ is a trademark of Maxim Integrated
Products, Inc.
MAX14746/MAX14747
USB Detection with Smart Power
Selector Li+ Chargers
19-8036; Rev 2; 11/17
EVALUATION KIT AVAILABLE


Similar Part No. - MAX14746

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14746 MAXIM-MAX14746 Datasheet
266Kb / 3P
Flexible System Design to Operate with Any USB Charger Source
Rev 0; 11/15
MAX14746BEWA+ MAXIM-MAX14746BEWA+ Datasheet
266Kb / 3P
Flexible System Design to Operate with Any USB Charger Source
Rev 0; 11/15
MAX14746EVKIT MAXIM-MAX14746EVKIT Datasheet
789Kb / 9P
RoHS Compliant, Proven PCB Layout
Rev 0; 12/16
More results

Similar Description - MAX14746

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4098 LINER-LTC4098 Datasheet
420Kb / 32P
USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
logo
Maxim Integrated Produc...
MAX8845Z MAXIM-MAX8845Z Datasheet
281Kb / 18P
28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
Rev 0; 3/09
MAX8934A MAXIM-MAX8934A Datasheet
3Mb / 31P
Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 1; 3/10
MAX77301 MAXIM-MAX77301 Datasheet
638Kb / 1P
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection
Rev 0; 1/13
logo
Linear Technology
LTC4098 LINER-LTC4098_15 Datasheet
454Kb / 32P
USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
LTC4098-1 LINER-LTC4098-1_15 Datasheet
454Kb / 32P
USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
logo
Maxim Integrated Produc...
MAX8895V MAXIM-MAX8895V Datasheet
4Mb / 45P
Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12
MAX77301 MAXIM-MAX77301_V01 Datasheet
1Mb / 67P
JEITA-Compliant, Li Charger with Smart Power Selector, Automatic Detection, and USB Enumeration
2021
MAX8845Y MAXIM-MAX8845Y Datasheet
495Kb / 19P
28V Linear Li Battery Chargers with Battery Detection and Overvoltage Protected Output
2009
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com