Electronic Components Datasheet Search
  English  ▼

X  

MAX14746 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14746
Description  USB Detection with Smart Power Selector Li Chargers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14746 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14746 Datasheet HTML 1Page - Maxim Integrated Products MAX14746 Datasheet HTML 2Page - Maxim Integrated Products MAX14746 Datasheet HTML 3Page - Maxim Integrated Products MAX14746 Datasheet HTML 4Page - Maxim Integrated Products MAX14746 Datasheet HTML 5Page - Maxim Integrated Products MAX14746 Datasheet HTML 6Page - Maxim Integrated Products MAX14746 Datasheet HTML 7Page - Maxim Integrated Products MAX14746 Datasheet HTML 8Page - Maxim Integrated Products MAX14746 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
(VVB = 5.0V, VBAT = 4.2V, TA= -40°C to +85°C, unless otherwise noted. Typical values are at VBAT = 3.6V, VVB = 5.0V, VSYS = VSYS_REG,
TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGER PATH
BAT to SYS On-Resistance
RBAT_SYS
VBAT = 5V, IBAT = 400mA
40
80
mΩ
VBAT = 1.9V, IBAT = 100mA
83
BAT to SYS Switch-On
Threshold
VBAT_SYS_ON VSYS falling
10
22
35
mV
BAT to SYS Switch-Off
Threshold
VBAT_SYS_OFF VSYS rising
-3
-1.5
0
mV
SYS Charger Current-
Limiting Threshold Voltage
VSYS_LIM
SysMin[2:0] = 000, VBAT > 3.6V
VBAT +
0.1
SysMin[2:0] = 000, VBAT < 3.4V
3.6
SysMin[2:0] = 001, VBAT < 3.4V
3.7
SysMin[2:0] = 010, VBAT < 3.4V
3.8
SysMin[2:0] = 011, VBAT < 3.4V
3.9
SysMin[2:0] =100, VBAT < 3.4V
3.86
4
4.14
SysMin[2:0] =101, VBAT < 3.4V
4.1
SysMin[2:0] =110, VBAT < 3.4V
4.2
SysMin[2:0] =111, VBAT < 3.4V
4.3
Charger Current Soft-Start Time
1
ms
BATTERY CHARGER LEVELS
Precharge Current
IPCHG
IPChg[1:0] = 00
30
mA
IPChg[1:0] = 01
50
IPChg[1:0] = 10
70
PChg[1:0] = 11
100
Prequalification Threshold
VBAT_PCHG
VPChg = 0, VPChgLow[1:0] = 00, VBAT rising
2.15
V
VPChg = 0, VPChgLow[1:0] = 01, VBAT rising 2.15
2.25
2.35
VPChg = 0, VPChgLow[1:0] = 10, VBAT rising
2.35
VPChg = 0, VPChgLow[1:0] = 11, VBAT rising
2.45
VPChg = 1, VPChgHigh[1:0] = 00, VBAT rising
2.7
VPChg = 1, VPChgHigh[1:0] = 01, VBAT rising 2.70
2.80
2.90
VPChg = 1, VPChgHigh[1:0] = 10, VBAT rising
2.9
VPChg = 1, VPChgHigh[1:0] = 11, VBAT rising
3
Prequalification Threshold
Hysteresis
VBAT_PCHG_HYS
100
mV
MAX14746/MAX14747
USB Detection with Smart Power
Selector Li+ Chargers
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com