Electronic Components Datasheet Search
  English  ▼

X  

MAX14746 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14746
Description  USB Detection with Smart Power Selector Li Chargers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14746 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14746 Datasheet HTML 17Page - Maxim Integrated Products MAX14746 Datasheet HTML 18Page - Maxim Integrated Products MAX14746 Datasheet HTML 19Page - Maxim Integrated Products MAX14746 Datasheet HTML 20Page - Maxim Integrated Products MAX14746 Datasheet HTML 21Page - Maxim Integrated Products MAX14746 Datasheet HTML 22Page - Maxim Integrated Products MAX14746 Datasheet HTML 23Page - Maxim Integrated Products MAX14746 Datasheet HTML 24Page - Maxim Integrated Products MAX14746 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Status A Register
*POR value depends on external conditions.
ADDRESS:
0x02
MODE:
Read Only
BIT
7
6
5
4
3
2
1
0
NAME
ChgTyp[3:0]
BatDet
ChgStat[2:0]
RESET
SEE TABLE 4
ChgTyp[3:0]
ChgTyp[3:0] identifies what kind of charger is detected on the USB connector.
0000 = Nothing attached.
0001 = SDP. In automatic mode, the current limit is set to 500mA (Or 100mA if UsbCompl = 0).
0010 = CDP. In automatic mode, the current limit is set to 1.5A.
0011 = DCP. In automatic mode, the current limit is set to 1.5A.
0100 = Apple 500mA charger. In automatic mode, the current limit is set to 500mA
0101 = Apple 1A charger. In automatic mode, the current limit is set to 500mA.
0110 = Apple 2A charger. In automatic mode, the current limit is set to 1.5A.
0111 = Non-standard charger (D+/D- > 0.715 x VVB, possibly indicating a PS2 adapter). In automatic mode, the
current limit is set to 0mA.
1010 = Other charger (D+/D- = 0.46 x VVB to 0.715 x VVB). In automatic mode, the current limit is set to 500mA.
Other = Reserved
BatDet
BatDet indicates the status of the battery detection when VB is present.
0 = No battery detected.
1 = Battery detected.
ChgStat[2:0]
ChgStat[2:0] indicates the current status of the battery charger.
000 = Charger off.
001 = Charging suspended due to overtemperature.
010 = Precharge in progress.
011 = Fast charge in progress using constant-current mode.
100 = Fast charge in progress using constant-voltage mode.
101 = Maintain charge in progress.
110 = Maintain charge timer done.
111 = Charger fault condition.
MAX14746/MAX14747
USB Detection with Smart Power
Selector Li+ Chargers
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com