Electronic Components Datasheet Search
  English  ▼

X  

LTM4658 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4658
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4658 Datasheet HTML 2Page - Analog Devices LTM4658 Datasheet HTML 3Page - Analog Devices LTM4658 Datasheet HTML 4Page - Analog Devices LTM4658 Datasheet HTML 5Page - Analog Devices LTM4658 Datasheet HTML 6Page - Analog Devices LTM4658 Datasheet HTML 7Page - Analog Devices LTM4658 Datasheet HTML 8Page - Analog Devices LTM4658 Datasheet HTML 9Page - Analog Devices LTM4658 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTM4658
6
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
GND (Pins A1, A2, B2, C2, D2, E1, E2): Power Ground
Pins for Both Input and Output Returns.
VIN (Pins A3, B3, C3): The VIN pins supply current to the
internal circuitry and topside power switch. All of the VIN
pins must be connected together with short, wide traces
and bypassed to PGND with low ESR capacitors located
as close as possible to the pins.
COMP (Pin A4): Current Control Threshold and Error
Amplifier Compensation Point of the Switching Mode
Regulator Channel. The current comparator’s trip thresh-
old is linearly proportional to this voltage. Tie the COMP
pins together for parallel operation. The device is internal
compensated.
RUN (Pin A5): Run Control Input of Each Switching Mode
Regulator Channel. Enables chip operation by tying RUN
above 0.4V. Tying it to GND shuts down the part.
SW (Pins B1, C1, D1): Switching Node Internal High
Current Path from MOSFET to Inductor. Connect with solid
cooper area or leave it floating.
FB (Pin B4): The negative input of the error amplifier for
the switching mode regulator. The LTM4658 regulates
the voltage between FB and AGND to 500mV. A resistor
divider connecting to VOUT sets the output voltage. In
PolyPhase® operation, tying the FB pins of the slave chan-
nels to VIN to disable the internal error amplifier. See the
Applications Information of Switching Regulator section
for details.
VOUT (Pins B5, C5, D5, E5): Power Output Pins of Each
Switching Mode Regulator. Apply output load between
these pins and GND pins. Recommend placing output
decoupling capacitance directly between these pins and
GND pins.
AGND (Pin C4): The AGND pin is the ground reference for
the internal analog circuitry, including the bandgap volt-
age reference. To achieve good load regulation, connect
the AGND pin to the negative terminal of the output capac-
itor (COUT) at the load. A drop in the high current power
ground return path will be compensated. All of the signal
components, such as the FB resistor dividers and soft-
start capacitor, should be referenced to the AGND node.
The AGND node carries very little current and, therefore,
can be a minimal size trace.
MODE/SYNC (Pin D3): The MODE/SYNC pin facilitates
multiphase operation and synchronization to an external
clock. Depending on the mode of operation, the MODE/
SYNC pin either accepts an input clock pulse or outputs
a clock pulse at its operating frequency. (see Multiphase
Operation in Applications Information). The MODE/SYNC
pin also programs the mode of operation: pulse-skipping
or forced continuous.
SSTT (Pin D4): Soft-Start, Tracking and Temperature
Monitor Pin. An internal 10μA current into an external
capacitor on the soft-start pin programs the output volt-
age ramp rate during start-up. When SSTT is below 0.5V,
the VFB pin voltage will track the SSTT pin voltage. When
SSTT is above 0.5V, the tracking function is disabled, the
internal reference resumes control of the error amplifier
and the SSTT pin servos to a voltage representative of
junction temperature. For a clean recovery from an output
short circuit condition, the SSTT pin is pulled down to
approximately 140mV above the VFB voltage and a new
soft-start cycle is initiated. During shutdown and fault
conditions, the SSTT pin is pulled to ground.
PGOOD (Pin E3): Output Power Good with Open-Drain
Logic of the Switching Mode Regulator Channel. PGOOD
is pulled to ground when the voltage on the FB pin is not
within −3%/10% of the internal 0.5V reference.
FREQ (Pin E4): The FREQ pin sets the oscillator frequency
with an external resistor to AGND or sets the phasing
for multiphase operation. (See Multiphase Operation in
Applications Information section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com