Electronic Components Datasheet Search
  English  ▼

X  

LTM4658 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4658
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4658 Datasheet HTML 7Page - Analog Devices LTM4658 Datasheet HTML 8Page - Analog Devices LTM4658 Datasheet HTML 9Page - Analog Devices LTM4658 Datasheet HTML 10Page - Analog Devices LTM4658 Datasheet HTML 11Page - Analog Devices LTM4658 Datasheet HTML 12Page - Analog Devices LTM4658 Datasheet HTML 13Page - Analog Devices LTM4658 Datasheet HTML 14Page - Analog Devices LTM4658 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTM4658
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
AGND allows the MODE/SYNC to be floating. Please note
that low switching frequency will increase the inductor
peak current and the output voltage ripple.
Multiphase Operation
For output loads that demand more than 10A of current,
multiple LTM4658s can be paralleled to run out of phase
to provide more output current without increasing input
and output voltage ripples. See Table 3.
ToparallelmultipleLTM4658modulestoachievethesame
switching frequency, a perfect interleaved phase shift and
an accurate current sharing between different modules,
one of the LTM4658 will become the master module
and the rest of LTM4658s need to be programmed to be
slave modules. Refer to multiphase application circuits.
1. Connect a resistor from FREQ pin to AGND of the mas-
ter phase will programs the frequency and configures
the MODE/SYNC pin to become a clock output used to
drive the MODE/SYNC pins of the slave phase(s).
Connecting the FREQ pin of the master phase to VIN
configures the MODE/SYNC pin to become an input
capable of accepting an external clock. The switching
frequency defaults to the nominal 2MHz internal fre-
quency when the external clock is unavailable, such as
during start-up.
Connecting the FB pin to VIN configures a phase as a
slave. The MODE/SYNC becomes an input and the volt-
age control loop is disabled. The slave phase current
control loop is still active and the peak current is con-
trolled via the shared COMP node. Careful consideration
should be taken when routing the COMP node between
phases. Routing the COMP and AGND nodes together
is recommended to create a low inductance path.
Connecting the PGOOD pins together and adding an
external pull-up resistor allows the master phase to
communicate with the slave phases on when start-up
has been completed.
2. The phasing of a slave phase relative to the master
phase is programmed with a resistor divider on the
FREQ pin (see Figure 2). Use of 1% resistors is recom-
mended. See Table 4 for more information.
Table 3. Multiphase Configuration
MASTER/SLAVE
FREQ PIN
FB PIN
MODE/SYNC PIN
SWITCHING FREQUENCY (fSW)
Master
VIN
VOUT Divider
Clock Input
External Clock/2MHz Default
Master
Resistor to AGND
VOUT Divider
Clock Output
FREQ Programmed
Slave
VIN Divider
VIN
Clock Input
External Clock
Table 4. Programming Slave Phase Angle
SYNC PHASE ANGLE
R3
RATIO
R4
RATIO
R3
EXAMPLE
R4
EXAMPLE
0°
0Ω
NA
0Ω
NA
90°
3 • R
R
301k
100k
120°
7 • R
5 • R
243k
174k
180°
NA
0Ω
NA
0Ω
240°
5 • R
7 • R
174k
243k
270°
R
3 • R
100k
300k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com