Electronic Components Datasheet Search
  English  ▼

X  

LTM4658 Datasheet(PDF) 23 Page - Analog Devices

Part # LTM4658
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4658 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTM4658 Datasheet HTML 18Page - Analog Devices LTM4658 Datasheet HTML 19Page - Analog Devices LTM4658 Datasheet HTML 20Page - Analog Devices LTM4658 Datasheet HTML 21Page - Analog Devices LTM4658 Datasheet HTML 22Page - Analog Devices LTM4658 Datasheet HTML 23Page - Analog Devices LTM4658 Datasheet HTML 24Page - Analog Devices LTM4658 Datasheet HTML 25Page - Analog Devices LTM4658 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTM4658
23
Rev. 0
For more information www.analog.com
Figure 19. Four-Phase Application
0.1µF
VIN
22µF
6.3V
VIN
3.0V TO 5.5V
22µF
6.3V
VIN
VIN
22µF
6.3V
VIN
VIN
22µF
6.3V
VIN
VIN
RA
140k
100µF
6.3V
VOUT
1.2V
40A
AGND
GND
FREQ
COMP
VOUT
VIN
FB
LTM4658
SSTT
MODE/SYNC
RUN
PGOOD
RB
100k
100k
100k
301k
100µF
6.3V
AGND
GND
COMP
VOUT
VIN
FB
FREQ
LTM4658
SSTT
MODE/SYNC
RUN
PGOOD
PGOOD
90˚
100µF
6.3V
4658 F19
AGND
GND
COMP
VOUT
VIN
FB
FREQ
LTM4658
SSTT
MODE/SYNC
RUN
PGOOD
PGOOD
180˚
301k
100k
100µF
6.3V
AGND
GND
COMP
VOUT
VIN
FB
FREQ
LTM4658
SSTT
MODE/SYNC
RUN
PGOOD
PGOOD
270˚
PGOOD
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com