Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4622
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4622 Datasheet HTML 4Page - Analog Devices LTM4622 Datasheet HTML 5Page - Analog Devices LTM4622 Datasheet HTML 6Page - Analog Devices LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices LTM4622 Datasheet HTML 10Page - Analog Devices LTM4622 Datasheet HTML 11Page - Analog Devices LTM4622 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTM4658
8
Rev. 0
For more information www.analog.com
OPERATION
The LTM4658 is a standalone nonisolated step-down
μModule regulator. It can deliver up to 10A of DC output
current with a few external input and output capacitors.
This module provides precisely regulated output voltage
from 0.5V to 5.5V over 2.25V to 5.5V input voltage range.
The typical application schematic is shown on page 1.
The LTM4658 has an integrated constant frequency peak
current mode step-down regulator with power MOSFETs,
inductor, and other supporting discrete components. The
default switching frequency is 2MHz. It can be externally
synchronized to a clock from 1MHz to 2.60MHz. See the
Applications Information section.
Current mode control provides cycle-by-cycle fast current
limiting, overcurrent protection. Internal feedback loop
compensation provides sufficient stability margins and
good transient performance with wide range of output
capacitors, even with all ceramic output capacitors.
Internal undervoltage and overvoltage comparators pull
the open-drain PGOOD output low if the feedback voltage
exits a −3%/10% window around the regulation point.
Furthermore, in an overvoltage condition, internal top
MOSFET is turned off and bottom MOSFET is turned on
and held on until the overvoltage condition clears.
For systems with higher power requirements, multiphase
operationcanbeeasilyemployedwiththesynchronization
and phase mode controls.
Pulling the RUN pin to GND forces the controller into its
shutdown state, turning off both power MOSFETs and
most of the internal control circuitry. At light load cur-
rents, pulse-skipping mode operation can be enabled to
achieve higher efficiency compared to forced continuous
mode by setting MODE/SYNC pin to VIN. The SSTT pin is
used for power supply tracking, soft-start programming
and die temperature monitoring. See the Applications
Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com