Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4622
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4622 Datasheet HTML 18Page - Analog Devices LTM4622 Datasheet HTML 19Page - Analog Devices LTM4622 Datasheet HTML 20Page - Analog Devices LTM4622 Datasheet HTML 21Page - Analog Devices LTM4622 Datasheet HTML 22Page - Analog Devices LTM4622 Datasheet HTML 23Page - Analog Devices LTM4622 Datasheet HTML 24Page - Analog Devices LTM4622 Datasheet HTML 25Page - Analog Devices LTM4622 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTM4658
22
Rev. 0
For more information www.analog.com
Figure 18. Three-Phase Application
0.1µF
VIN
22µF
6.3V
VIN
3.5V TO 4.5V
22µF
6.3V
VIN
VIN
22µF
6.3V
VIN
VIN
RA
86.6k
100µF
6.3V
VOUT
0.6V
30A
AGND
GND
COMP
VOUT
VIN
FB
FREQ
LTM4658
SSTT
MODE/SYNC
RUN
PGOOD
RB
432k
100k
RFREQ
274k
174k
243k
100µF
6.3V
AGND
GND
COMP
VOUT
VIN
FB
FREQ
LTM4658
SSTT
MODE/SYNC
RUN
PGOOD
PGOOD
120˚
243k
174k
100µF
6.3V
4658 F18
AGND
GND
COMP
VOUT
VIN
FB
FREQ
LTM4658
SSTT
MODE/SYNC
RUN
PGOOD
PGOOD
240˚
PGOOD
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com