Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4622
Description  Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4622 Datasheet HTML 5Page - Analog Devices LTM4622 Datasheet HTML 6Page - Analog Devices LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices LTM4622 Datasheet HTML 10Page - Analog Devices LTM4622 Datasheet HTML 11Page - Analog Devices LTM4622 Datasheet HTML 12Page - Analog Devices LTM4622 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTM4658
9
Rev. 0
For more information www.analog.com
ThetypicalLTM4658applicationcircuitisshownonpage 1.
External component selection is primarily determined by
the input voltage, the output voltage and the maximum
loadcurrent.RefertoTable 8forspecificexternalcapacitor
requirements for a particular application.
VIN to VOUT Step-Down Ratios
The minimum VOUT step-down ratio that can be achieved
for a given input voltage is limited by minimum on-time
of the regulator.
Theminimumon-timelimitimposesaminimumdutycycle
of the converter which can be calculated with Equation 1.
DMIN = TON(MIN) • fSW
(1)
where TON(MIN) is the minimum on-time, 45ns typical
for the LTM4658. In the rare cases where the minimum
duty cycle is surpassed, output will overvoltage and a
slower switching frequency is needed to accommodate
the high VIN/VOUT ratio.
The LTM4658 is capable of a maximum duty cycle of
100%, therefore, the VIN-to-VOUT dropout is limited by
the RDS(ON) of the top switch, the inductor DCR and the
load current.
It should be noted that the practical transconductance ampli-
fier has a limited output voltage range, to stay in regulation,
COMP voltage in the compensation loop must reflect the peak
current value. If the output is set to below 0.7V and the switch-
ing frequency is 2MHz or above, due to the small ripple cur-
rent, the output voltage may not be regulated at no load since
the transconductance amplifier is running to its low output
voltage limit. To avoid this issue, reduce to a lower frequency
or change the operation mode to pulse-skipping mode.
Output Voltage Programming and Output Voltage
Sensing
The PWM controller has an internal 0.5V reference volt-
age. Resistor divider from VOUT remote sensing point to
FB pin and from FB pin to AGND pin programs the output
voltage (Equation 2). Refer to the Block Diagram.
VOUT = 0.5V •
RA +RB
RB
(2)
APPLICATIONS INFORMATION
In high current operation, a ground offset may be present
between the LTM4658 local ground and ground at the
load. To overcome this offset, AGND should have a Kelvin
connection to the load ground, and the lowest potential
node of the resistor divider should be connected to AGND.
The internal error amplifier senses the difference between
this feedback voltage and a 0.5V AGND referenced volt-
age. This scheme overcomes any ground offsets between
local ground and remote output ground, resulting in a
more accurate output voltage. The LTM4658 allows for
remote output ground deviations as much as ±100mV
with respect to the local ground.
Input Decoupling Capacitors
The LTM4658 module should be connected to a low
AC-impedance DC source. All of the VIN pins must be
connected together with short, wide traces and bypassed
to PGND with low ESR capacitors located as close as pos-
sible to the pins. For the regulator, one-piece 22µF input
ceramic capacitor is recommended for RMS ripple current
decoupling. Bulk input capacitor is only needed when the
input source impedance is compromised by long induc-
tive leads, traces or not enough source capacitance. The
bulk capacitor can be an electrolytic aluminum capacitor
and polymer capacitor.
Without considering the inductor current ripple, the
RMS current of the input capacitor can be estimated
with Equation 3.
ICIN(RMS) =
IOUT(MAX)
η%
• D •(1
−D)
(3)
where η%istheestimatedefficiencyofthepowermodule.
Output Decoupling Capacitors
With an optimized high frequency, high bandwidth
design, only two pieces of 47μF low ESR output ce-
ramic capacitor is required for LTM4658 to achieve
low output voltage ripple and very good transient
response. Additional output filtering may be required
by the system designer, if further reduction of output
ripples or dynamic transient spikes is required. Table 8
shows a matrix of different output voltages and output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com