Electronic Components Datasheet Search
  English  ▼

X  

71M6545 Datasheet(PDF) 88 Page - Maxim Integrated Products

Part # 71M6545
Description  Metrology Processors
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545 Datasheet(HTML) 88 Page - Maxim Integrated Products

Back Button 71M6545 Datasheet HTML 84Page - Maxim Integrated Products 71M6545 Datasheet HTML 85Page - Maxim Integrated Products 71M6545 Datasheet HTML 86Page - Maxim Integrated Products 71M6545 Datasheet HTML 87Page - Maxim Integrated Products 71M6545 Datasheet HTML 88Page - Maxim Integrated Products 71M6545 Datasheet HTML 89Page - Maxim Integrated Products 71M6545 Datasheet HTML 90Page - Maxim Integrated Products 71M6545 Datasheet HTML 91Page - Maxim Integrated Products 71M6545 Datasheet HTML 92Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 133 page
background image
71M6545/71M6545H Data Sheet
88
v2
5.2
I/O RAM Map – Alphabetical Order
Table 61 lists I/O RAM bits and registers in alphabetical order.
Bits with a write direction (W in column Dir) are written by the MPU into configuration RAM. Typically, they are initially stored in flash memory and
copied to the configuration RAM by the MPU. Some of the more frequently programmed bits are mapped to the MPU SFR memory space. The
remaining bits are mapped to the address space 0x2XXX. Bits with R (read) direction can be read by the MPU. Columns labeled Rst and Wk
describe the bit values upon reset and wake, respectively. No entry in one of these columns means the bit is either read-only or is powered by the
NV supply and is not initialized. Write-only bits return zero when they are read.
Locations that are shaded in grey are non-volatile (i.e., battery-backed).
Table 61: I/O RAM Map – Alphabetical Order
Name
Location
Rst Wk Dir Description
ADC_E
2704[4]
0
0 R/W Enables ADC and VREF. When disabled, reduces bias current.
ADC_DIV
2200[5]
0
0 R/W
ADC_DIV controls the rate of the ADC and FIR clocks.
The ADC_DIV setting determines whether MCK is divided by 4 or 8:
0 = MCK/4
1 = MCK/8
The resulting ADC and FIR clock is as shown below.
PLL_FAST = 0
PLL_FAST = 1
MCK
6.291456 MHz
19.660800 MHz
ADC_DIV = 0
1.572864 MHz
4.9152 MHz
ADC_DIV = 1
0.786432 MHz
2.4576 MHz
BCURR
2704[3]
0
0 R/W Connects a 100 µA load to the battery (VBAT_RTC pin).
BSENSE[7:0]
2885[7:0]
–
–
R
The result of the VBAT_RTC pin measurement. See 2.5.7 71M6545/H Battery Monitor
on page 55.
CE_E
2106[0]
0
0 R/W CE enable.
CE_LCTN[5:0]
2109[5:0]
31 31 R/W CE program location. The starting address for the CE program is 1024*CE_LCTN.
CHIP_ID[15:8]
CHIP_ID[7:0]
2300[7:0]
2301[7:0]
0
0
0
0
R
R
These bytes contain the chip identification.
CHOP_E[1:0]
2106[3:2]
0
0 R/W
Chop enable for the reference bandgap circuit. The value of CHOP changes on the
rising edge of the internal MUXSYNC signal according to the value in CHOP_E[1:0]:
00 = toggle1 01 = positive 10 = reversed 11 = toggle
1except at the mux sync edge at the end of an accumulation interval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com