Electronic Components Datasheet Search
  English  ▼

X  

71M6545 Datasheet(PDF) 97 Page - Maxim Integrated Products

Part # 71M6545
Description  Metrology Processors
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545 Datasheet(HTML) 97 Page - Maxim Integrated Products

Back Button 71M6545 Datasheet HTML 93Page - Maxim Integrated Products 71M6545 Datasheet HTML 94Page - Maxim Integrated Products 71M6545 Datasheet HTML 95Page - Maxim Integrated Products 71M6545 Datasheet HTML 96Page - Maxim Integrated Products 71M6545 Datasheet HTML 97Page - Maxim Integrated Products 71M6545 Datasheet HTML 98Page - Maxim Integrated Products 71M6545 Datasheet HTML 99Page - Maxim Integrated Products 71M6545 Datasheet HTML 100Page - Maxim Integrated Products 71M6545 Datasheet HTML 101Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 133 page
background image
71M6545/71M6545H Data Sheet
v2
97
Name
Location
Rst Wk Dir Description
TEMP_START
28B4[6]
0
0 R/W
When TEMP_PER = 0 automatic temperature measurements are disabled, and
TEMP_START may be set by the MPU to initiate a one-shot temperature
measurement. TEMP_START is ignored in SLP mode. Hardware clears TEMP_START
when the temperature measurement is complete.
TMUX[5:0]
2502[5:0]
–
– R/W Selects one of 32 signals for TMUXOUT. See 2.5.14 for details.
TMUX2[4:0]
2503[4:0]
–
– R/W Selects one of 32 signals for TMUX2OUT. See 2.5.14 for details.
TMUXR2[2:0]
TMUXR4[2:0]
TMUXR6[2:0]
270A[2:0]
270A[6:4]
2709[2:0]
000 000 R/W The TMUX setting for the remote isolated sensors (71M6xx3).
VERSION[7:0]
2706[7:0]
–
–
R
The silicon version index. This word may be read by firmware to determine the silicon
version.
VERSION[7:0] Silicon Version
0001 0001
A01
0001 0011
A03
0001 0011
B01
VREF_CAL
2704[7]
0
0 R/W Brings the ADC reference voltage out to the VREF pin. This feature is disabled when
VREF_DIS=1.
VREF_DIS
2704[6]
0
1 R/W Disables the internal ADC voltage reference.
VSTAT[2:0]
SFR F9[2:0]
–
–
R
This word describes the source of power and the status of the VDD.
VSTAT[2:0] Description
000
System Power OK. V3P3A>3.0v. Analog modules are functional and
accurate. [V3AOK,V3OK]=11
001
System Power Low. 2.8v<V3P3A<3.0v. Analog modules not
accurate. [V3AOK,V3OK]=01
010
VDD OK. VDD>2.25v. Full digital functionality.
[V3AOK,V3OK]=00, [VDDOK,VDDgt2]=11
011
VDD>2.0. Flash writes are inhibited. If the TRIMVDD[5] fuse is
blown, PLL_FAST is cleared.
[V3AOK,V3OK]=00, [VDDOK,VDDgt2]=01
101
VDD<2.0. When VSTAT=101, processor is nearly out of voltage.
Processor failure is imminent.
[V3AOK,V3OK]=00, [VDDOK,VDDgt2]=00
WAKE_TMR
2880[7:0]
0
– R/W Timer duration is WAKE_TMR+1 seconds.
WD_RST
28B4[7]
0
0
W
Reset the WD timer. The WD is reset when a 1 is written to this bit. Writing a one
clears and restarts the watch dog timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com