Electronic Components Datasheet Search
  English  ▼

X  

MAX77540 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77540
Description  16VIN/6A, Dual-Phase High-Efficiency Buck Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77540 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77540 Datasheet HTML 1Page - Maxim Integrated Products MAX77540 Datasheet HTML 2Page - Maxim Integrated Products MAX77540 Datasheet HTML 3Page - Maxim Integrated Products MAX77540 Datasheet HTML 4Page - Maxim Integrated Products MAX77540 Datasheet HTML 5Page - Maxim Integrated Products MAX77540 Datasheet HTML 6Page - Maxim Integrated Products MAX77540 Datasheet HTML 7Page - Maxim Integrated Products MAX77540 Datasheet HTML 8Page - Maxim Integrated Products MAX77540 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
General Description
The MAX77540 is a high-efficiency step-down converter
with two 3A switching phases. It uses an adaptive COT
(constant on-time) current-mode control architecture and
the two 3A switching phases can be configured as either
one (2Φ, 6A) or two (1Φ, 3A each) outputs. Its wide input
voltage range enables a direct conversion for sub-1V out-
puts from 3-cell Li+ batteries, USB PD, and 12VDC supply
rails. The output voltages are preset with resistors and
are further adjustable through an I2C-compatible interface.
With 94% peak efficiency, low quiescent current, and com-
pact solution size, the MAX77540 is ideal for battery pow-
ered, space-constraint equipment.
Programmable switching frequency, frequency tracking,
spread-spectrum, and ultrasonic mode allow easier sys-
tem optimization for noise-sensitive applications. Dedicat-
ed EN, POK, and FPWMB pins provide options for direct
hardware control, while more programmable options, such
as soft-start/stop and ramp-up/down slew-rates, are avail-
able through I2C. An array of built-in protections insures
safe operation under abnormal operating conditions.
Applications
● 2/3-Cell Li+ and USB-C Power Delivery Systems
● Audio and Video Equipment
● Microprocessors, field-programmable gate arrays
(FPGAs), digital signal processors (DSPs), and
application-specific integrated circuits (ASICs)
● Networking and PCIe®/redundant array of inexpensive
disks (RAID) Cards
Benefits and Features
● 4V to 16V Input Voltage Range
● 0.5V to 5.2V Output Voltage Range
● Resistor Configurable Default VOUT
● Two 3A Bucks (1Φ) or One 6A Buck (2Φ)
● ±0.5% VOUT Accuracy (Default VOUT at 25°C)
● 94% Peak Efficiency (7.6VIN, 3.3VOUT, 1MHz)
● Auto SKIP/PWM and Low-Power Mode
● 98% Max. Duty Cycle Dropout Operation
● Programmable Soft-Start/Stop and Ramp-Up/Down
Slew Rates
● Pre-Biased Startup and Active Output Discharge
● Programmable Inductor Peak Current Limits
● 0.5/1.0/1.6MHz Nominal Switching Frequency
● Spread-Spectrum Modulation
● Internal/External Frequency Tracking
● Ultrasonic Mode
● Dedicated EN, POK, and FPWM Pins
● Undervoltage lockout (UVLO), Thermal Shutdown,
and Short-Circuit Protection
● High-Speed I2C I/F with 3-Slave Address Options
● 30-WLP (2.51mm x 2.31mm) and 24-FC2QFN (3mm x
3mm) Packages
● Less than 55mm2 Total Solution Size
Ordering Information appears at end of data sheet.
Typical Applications Circuit
VOUT1
(0.5V TO 5.2V, 3A)
PGND1
LX1
PGND2
LX2
SNS1
SNS2
SYS
IRQB
SCL
AGND
SDA
SEL2
1Φ
+
1Φ
3A
PHASE-CONFIGURABLE
(SINGLE or DUAL-OUTPUT)
MAX77540
MULTIPHASE
BUCK
3A
1+1
CONFIGURATION
IN1
2Φ
6A
BST1
BST2
SEL1
POK1
POK2
I2C_EN
EN1
EN2
VDD
VL
FPWM2B
FPWM1B
ADDR
VOUTx OR VEXT
ALT_IN
VIO
DC POWER SOURCE
(4.0V TO 16V)
DC POWER SOURCE
(4.0V TO 16V)
VOUT2
(0.5V TO 5.2V, 3A)
IN2
DC POWER SOURCE
(4.0V TO 16V)
Click here to ask about the production status of specific part numbers.
MAX77540
16VIN/6A, Dual-Phase High-Efficiency Buck
Converter
19-101013; Rev 0;
4/21


Similar Part No. - MAX77540

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX77542 AD-MAX77542 Datasheet
3Mb / 122P
16VIN/16A, Quad-Phase High-Efficiency Buck Converter
19-101666; Rev 0; 2/23
MAX77542AAWU+T AD-MAX77542AAWU+T Datasheet
3Mb / 122P
16VIN/16A, Quad-Phase High-Efficiency Buck Converter
19-101666; Rev 0; 2/23
More results

Similar Description - MAX77540

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
logo
Global Mixed-mode Techn...
G5313 GMT-G5313 Datasheet
57Kb / 1P
High Efficiency 6A Synchronous Buck Converter
logo
STMicroelectronics
A22H165M STMICROELECTRONICS-A22H165M Datasheet
1Mb / 32P
Integrated high-efficiency buck converter
06-Mar-2014
logo
Dialog Semiconductor
PV88090 DIALOG-PV88090 Datasheet
1Mb / 42P
High Efficiency 3-Channel Buck Converter with dual LDO
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
uPI Group Inc.
UP1784 UPI-UP1784 Datasheet
185Kb / 14P
Dual 1.5MHz, 1.3A, High-Efficiency Synchronous-Rectified Buck Converter
logo
Maxim Integrated Produc...
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
logo
ACE Technology Co., LTD...
ACE73655Y ACE-ACE73655Y Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
logo
Analog Devices
MAX77542 AD-MAX77542 Datasheet
3Mb / 122P
16VIN/16A, Quad-Phase High-Efficiency Buck Converter
19-101666; Rev 0; 2/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com