Electronic Components Datasheet Search
  English  ▼

X  

MAX77540 Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # MAX77540
Description  16VIN/6A, Dual-Phase High-Efficiency Buck Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77540 Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button MAX77540 Datasheet HTML 47Page - Maxim Integrated Products MAX77540 Datasheet HTML 48Page - Maxim Integrated Products MAX77540 Datasheet HTML 49Page - Maxim Integrated Products MAX77540 Datasheet HTML 50Page - Maxim Integrated Products MAX77540 Datasheet HTML 51Page - Maxim Integrated Products MAX77540 Datasheet HTML 52Page - Maxim Integrated Products MAX77540 Datasheet HTML 53Page - Maxim Integrated Products MAX77540 Datasheet HTML 54Page - Maxim Integrated Products MAX77540 Datasheet HTML 55Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
Typical Application Circuits (continued)
Dual-Phase Configuration without I2C
LX1
SNS1
PGND1
BST1
MAX77540
MAX77540
CBST1 0.1μF
6.3V (0201)
IN1
ALT_IN
CVL 2.2μF
6.3V (0402)
VL
2Φ
(1-CHANNEL)
No I2C
SCHEMATIC NOTES
NN11: ONLY INSTALL IF ALT_IN IS USED. IF ALT_IN IS UNUSED, DO NOT POPULATE.
NN22: USE 0.47μH FOR Mx_RNG = 0. USE 1.0μH FOR Mx_RNG = 1. USE 1.5μH FOR Mx_RNG = 2. SEE
INDUCTOR SELECTION.
NN33: EN2, POK2, FPWM2 ARE ALL SHOWN AS ‘NO CONNECT’ BECAUSE THEY ARE UNUSED IN 2-PHASE CONFIGURATION.
L1N2
COUT1
3x 22μF
10V
(0603/0805)
VOUT1
6A MAX
DC POWER SOURCE
(4.0V to 16.0V)
LX2
SNS2
PGND2
BST2
CBST2 0.1μF
6.3V (0201)
IN2
L2N2
COUT2
3x 22μF
10V
(0603/0805)
FPWM2B
FPWM1B
POK2
POK1
CIN1 10μF
25V (0603)
SYS
CSYS 2.2μF
25V (0603)
VDD
CVDD 1μF
6.3V (0402)
CALT_IN 2.2μFN1
25V (0603)
I2C_EN
SDA
SCL
IRQB
EN2
EN1
SEL1
ADDR
AGND
SEL2
CIN2 10μF
25V (0603)
DC POWER SOURCE
(4.0V to 16.0V)
VALT_IN
(2.8V to 6.0V)
Ordering Information
PART NUMBER
FACTORY OPTION
PIN-PACKAGE
MAX77540AAWV+T
A
30 WLP
MAX77540AAFG+T*
A
24 FC2QFN
T = Tape and reel.
* Future product. Contact factory for availability.
MAX77540
16VIN/6A, Dual-Phase High-Efficiency Buck
Converter
www.maximintegrated.com
Maxim Integrated | 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com