Electronic Components Datasheet Search
  English  ▼

X  

MAX77540 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX77540
Description  16VIN/6A, Dual-Phase High-Efficiency Buck Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77540 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX77540 Datasheet HTML 35Page - Maxim Integrated Products MAX77540 Datasheet HTML 36Page - Maxim Integrated Products MAX77540 Datasheet HTML 37Page - Maxim Integrated Products MAX77540 Datasheet HTML 38Page - Maxim Integrated Products MAX77540 Datasheet HTML 39Page - Maxim Integrated Products MAX77540 Datasheet HTML 40Page - Maxim Integrated Products MAX77540 Datasheet HTML 41Page - Maxim Integrated Products MAX77540 Datasheet HTML 42Page - Maxim Integrated Products MAX77540 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
BITFIELD
BITS
DESCRIPTION
DECODE
ALT_SWO_I
4
Alternate Input Switch-Over Interrupt
0x0 = Input voltage of internal bias circuitry has not
switched to ALT_IN input
0x1 = Input voltage of internal bias circuitry has
switched to ALT_IN input
UVLO_I
3
SYS Undervoltage Lock-Out Interrupt
0x0 = Input voltage (VSYS) has not dropped below
UVLO threshold
0x1 = Input voltage (VSYS) has dropped below
UVLO threshold
TSHDN_I
2
Thermal Shutdown Interrupt
0x0 = Junction temperature has not risen above
TSHDN threshold (165°C)
0x1 = Junction temperature has risen above
TSHDN threshold (165°C)
TJ_140C_I
1
Thermal Warning2 Interrupt
0x0 = Junction temperature has not risen above
140°C
0x1 = Junction temperature has risen above 140°C
TJ_120C_I
0
Thermal Warning1 Interrupt
0x0 = Junction temperature has not risen above
120°C
0x1 = Junction temperature has risen above 120°C
TOPSYS_INT_M (0x03)
BIT
7
6
5
4
3
2
1
0
Field
RESERVED[1:0]
EXT_FREQ
_DET_M
ALT_SWO_
M
UVLO_M
TSHDN_M
TJ_140C_M TJ_120C_M
Reset
0x3
0x1
0x1
0x0
0x1
0x1
0x1
Access
Type
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
Write, Read
BITFIELD
BITS
DESCRIPTION
DECODE
RESERVED
7:6
Reserved. Returns '1'
EXT_FREQ_
DET_M
5
External Clock Frequency Detection Interrupt
Mask
0x0 = Enable EXT_FREQ_DET_I
0x1 = Mask EXT_FREQ_DET_I
ALT_SWO_
M
4
Alternate Input Switch-Over Interrupt Mask
0x0 = Enable ALT_SWO_I
0x1 = Mask ALT_SWO_I
UVLO_M
3
SYS Undervoltage Lock-Out Interrupt Mask
0x0 = Enable UVLO_I
0x1 = Mask UVLO_I
TSHDN_M
2
Thermal Shutdown Interrupt Mask
0x0 = Enable TSHDN_I
0x1 = Mask TSHDN_I
TJ_140C_M
1
Thermal Warning2 Interrupt Mask
0x0 = Enable TJ_140C_I
0x1 = Mask TJ_140C_I
TJ_120C_M
0
Thermal Warning1 Interrupt Mask
0x0 = Enable TJ_120C_I
0x1 = Mask TJ_120C_I
MAX77540
16VIN/6A, Dual-Phase High-Efficiency Buck
Converter
www.maximintegrated.com
Maxim Integrated | 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com