Electronic Components Datasheet Search
  English  ▼

X  

EM78P915 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM78P915
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P915 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM78P915 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
EM78P915
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
2005/12/21 (V2.0)
Version History
Specification revision history for EM78P915
Version
Description
1.1
Add program pin location table
1.2
Pin assignment change, and POR=2.0V, green mode=2.2~5.5V
Oscillator start to stable time will smaller/equal 0.5 sec, remove LCD driving
Ability control
1.3
Add SDT characteristic table
R4 page bit7 (RBF) is modified to Read-only
“End of FSK to carrier detect high” is 5 ms
Update table 24
Modify R7, IOC7, IOCB, value in table 1
1.4
Add interrupt node, note7 and note8 in page3
1.5
Bug modify in page 21
1.6
Add notice about setting code-option and /POVD on/off in page 3.
1.7
Remove DED function, operation voltage = 3.1V at 10.74MHz
1.8
Modify TDP1/2 description in page 34
1.9
Add chip pad diagram, modify /POVD description
2.0
Add P915/915 family list and development tool list in appendix C, D, E, F
Relative to Rom-less, OTP and Mask
OTP
OTP/ROMLess
OTP
Note
78P911
78P808/78R808
78P915
Operation voltage
2.5~5.5V(normal mode) 2.2~5.5V(normal mode) 2.2V~5.5V(normal mode)
Work clock (Max)
3.58MHz
10.74MHz
10.74MHz
OP
X
Yes
X
Comparator
CMP1
CMP1, 2, 3
CMP1
Key tone
X
Yes
X
External INT
INT0~3
INT0~2
INT0, INT2
LCD
SEG0~59,
COM0~15
SEG0~79
COM0~23
SEG0~27,
SEG48~SEG79,
COM0~15
Data Rom
X
256K*8
X
RAM size
2.5K*8
8K*8
2.5K*8
Programmable ROM
16K*13
32K*13
32K*13
SDT
X
X
Yes
Stack
8
32
8
Bi-directional port
36
51
44
DTMF generator
Yes
TONE generator
Current D/A
DTMF receiver
X
Yes
Yes
Current D/A
X
Yes
Yes
MEI/RTF
X
X
X
Call waiting
Yes
Yes
Yes
Low battery detect
Yes
Comparator
Comparator
SPI
X
Yes
Yes
FSK decode
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com