Electronic Components Datasheet Search
  English  ▼

X  

EM78P915 Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P915
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P915 Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P915 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
EM78P915
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
2005/12/21 (V2.0)
PAGE 1 (PORT6 pull high control register)
7
6
5
4
3
2
1
0
X
PH66
PH63
PH62
PH61
PH60
X
X
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bi
, Bit 6 (PH60~PH63, PH66): P
~63,
pul
ntrol
t 0~Bit 3
ORT60
PORT66
l high co
register
0
disable pull high function.
1
enable pull high function
Bit 4~5, 7(Unused)
IOCC (PORTC I/O control, DA0~DA2, DA2SW, VOL0~3)
PAGE 0 (PORT9 I/O control register)
7
6
5
4
3
2
1
0
IOCC7
IOCC6
IOCC5
IOCC4
IOCC3
IOCC2
IOCC1
IOCC0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
Bit 0~Bit 7(IOCC0~IOCC7): PORTC (0~7) I/O direction control register
0
put the relative I/O pin as output
1
put the relative I/O pin into high impedance
PAGE 1 (DA0~DA2)
7
6
5
4
3
2
1
0
VOL3
VOL2
VOL1
DA2
1
DA0
VOL0
SW
DA2
DA
R/W-0
R/W-0
R/W-0
R/W
0
R/W-0
R/W-0
-0
R/W-0
R/W-
Bit0~Bit2 (DA0~DA2): Current DA bit0~
Bit 3 (DA2SW): This bit “1”/”0” control DAOUPUT 2 o
T 2 than DAOUTPUT 1 will be
disable, DAOUPUT 2 is turn off than DAOUTPUT will be e
AOUPUT 1).
Bit 4~7 (VOL0~VOL3): There are four bi
ontrol DAo
VOL
L0
M
)
bit2
n/off. If turn on DAOUTPU
nable (assume port66 as D
ts to c
ut2 output volume level.
3 ~ VO
ax voice output current (mA
0000
5 1/16 mA = 0.3125 mA
0001
5 x 2/16 mA = 0.625 mA
0010
5 x 3/16 mA = 0.9375 mA
0011
5 x 4/16 mA = 1.25 mA
0100
5 x 5/16 mA = 1.5625 mA
0101
5 x 6/16 mA = 1.875 mA
0110
5 x 7/16 m
1875 mA
A = 2.
0111
5 x 8/16 mA = 2.5 mA
1000
5 x 9/16 mA = 2.8125 mA
1001
5 x 10/16 mA = 3.125 mA
1010
5 x 11/16 mA = 3.4375 mA
1011
5 x 12/16 mA = 3.75 mA
1100
5 x 13/16 mA = 4.0625 mA
1101
5 x 14/16 mA = 4.375 mA
1110
5 x 15/16 mA = 4.6875 mA
1111
5 mA
Table 21, DAout2 output volume level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com