Electronic Components Datasheet Search
  English  ▼

X  

EM78P915 Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P915
Description  8-BIT MICRO-CONTROLLER
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P915 Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P915 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P915 Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
EM78P915
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
2005/12/21 (V2.0)
TIP/RING
/CD
FSKDATA
FIRST RING
2 SECONDS
0.5 SEC
0.5 SEC
SECOND RING
2 SECONDS
DATA
Tcdl
/FSKPWR
Tdoc
Tcdh
Tsup
FSK signal
Figure 12, the relation between bit 1 ~ bit 3 of FSK in RA
The controller is a CMOS device designed to support the Caller Number Deliver feature which is offered by the
Regional Bell Operating Companies. The FSK block comprises one path: the signal path. The signal path consist of an
input differential buffer, a band pass filter, an FSK demodulator and a data valid with carrier detect circuit.
In a typical application, user can use his own external ring detect output as a triggering input to IO port. User can use
this signal to wake up whole chip by external ring detect signal.
By setting “1” to bit 3 (FSKPWR) of register RA to activate the block of FSK decoder. If bit 3 (FSKPWR) of register
RA is set to “0”, the block of FSK decoder will be powered down.
The input buffer accepts a differential AC coupled input signal through the TIP and RING input and feeds this signal to
a band pass filter. Once the signal is filtered, the FSK demodulator decodes the information and sends it to a post filter.
The output data is then made available at bit 2 (FSKDATA) of register RA. This data, as sent by the central office,
includes the header information (alternate "1" and "0") and 150 ms of marking which precedes the date, time and calling
number. If no data is present, the bit 2 (DATA) of register RA is held on “1” state. This is accomplished by an carrier
detect circuit which determines if the in-band energy is high enough. If the incoming signal is valid, bit 1 (/CD) of
register RA will be “0” otherwise it will be held on “1”. And thus the demodulated data is transferred to bit 2 (DATA) of
register RA. If it is not, then the FSK demodulator is blocked.
Bit 4 ~ Bit 5 (CLK0 ~ CLK1): Main clock selection bits
User can choose different frequency of main clock by CLK1 and CLK2. All the clock selection is list below.
PLLEN
CLK1
CLK0
Sub clock
MAIN clock
CPU clock
1
0
0
32.768kHz
895.658kHz
895.658kHz (Normal mode)
1
0
1
32.768kHz
1.7913MHz
1.7913MHz (Normal mode)
1
1
0
32.768kHz
10.7479MHz
10.7479MHz (Normal mode)
1
1
1
32.768kHz
3.5826MHz
3.5826MHz (Normal mode)
0
Don’t care
don’t care
32.768kHz
Don’t care
32.768kHz (Green mode)
0
Don’t care
don’t care
32.768kHz
Don’t care
32.768kHz (Green mode)
0
Don’t care
don’t care
32.768kHz
Don’t care
32.768kHz (Green mode)
0
Don’t care
don’t care
32.768kHz
Don’t care
32.768kHz (Green mode)
Table 6, main clock selection
Bit 6 (PLLEN): PLL enable control bit
It is CPU mode control register. If PLL is enabled, CPU will operate at normal mode (high frequency, main clock);
otherwise, it will run at green mode (low frequency, 32768 Hz).
0/1
disable/enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com