Electronic Components Datasheet Search
  English  ▼

X  

PI3USB9281 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3USB9281
Description  USB 2.0 Port Protection with Charger Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB9281 Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3USB9281 Datasheet HTML 1Page - Diodes Incorporated PI3USB9281 Datasheet HTML 2Page - Diodes Incorporated PI3USB9281 Datasheet HTML 3Page - Diodes Incorporated PI3USB9281 Datasheet HTML 4Page - Diodes Incorporated PI3USB9281 Datasheet HTML 5Page - Diodes Incorporated PI3USB9281 Datasheet HTML 6Page - Diodes Incorporated PI3USB9281 Datasheet HTML 7Page - Diodes Incorporated PI3USB9281 Datasheet HTML 8Page - Diodes Incorporated PI3USB9281 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-04-0004
PT0502-1
04/28/14
5
PI3USB9281
USB 2.0 Port Protection with Charger Detection
This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the
LOW period of the SCL signal, it must output the next data bit to the SDA line tr_max + tSETDAT = 1000 + 250 = 1250ns
(according to the standard-mode I
2C bus specification) before the SCL line is released.
2. Cb equals the total capacitance of one BUS line in pF. If mixed with high-speed devices, faster fall times are allowed
according to the I
2C specification.
Definition of Timing for Full-Speed Mode Devices on the I
2C Bus
Table 2. I
2C Slave Address
Name
Size (Bits)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Slave Address
8
0
1
0
0
1
0
1
R/W
Table 3 Register Map
Address Register Type
Reset
Value
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01H
Device
ID
Read 00000000
Version ID : 00010
Vendor ID(Pericom): 000
02H
Control
Read/
Write
00011111
Reserved:
-Read xxx
-Write 000
Switch Open
Reserved:
Manual Switch
Reserved
Global
Interrupt
Mask
0: Open all
switches
0: Manual
configuration
0: Does not
Mask
Interrupts
1: Switch
based on
detection
1: Automatic
configuration
1: Mask
Interrupts
03H
Interrupt
Read/
Clear
00000000
OVP&OCP
Recovery
OCP Event OVP Event
Reserved
Detach
Attach
0: OVP and/or
OCP event not
recovered
0: No OCP
event
0: No OVP
event
0: No Interrupt
1: OVP and/or
OCP event
recovered
1: OCP
event
1: OVP
event
Reserved:-Read xxx, -Write 000
1: accessory
detached
1: accessory
attached
05H
Interrupt
Mask
Read/
Write
00000000
OVP&OCP
OCP
OVP
Reserved
Detach
Attach
0: No Interrupt Mask
1: Mask
OVP&OCP
Recovery
interrupt
1: Mask
OCP Event
interrupt
1: Mask
OVP Event
interrupt
Reserved:-Read xxx, -Write 000
1: Mask
Detach
interrupt
1: Mask
Attach
interrupt
To be continued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com