Electronic Components Datasheet Search
  English  ▼

X  

PI3USB9281 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PI3USB9281
Description  USB 2.0 Port Protection with Charger Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB9281 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PI3USB9281 Datasheet HTML 5Page - Diodes Incorporated PI3USB9281 Datasheet HTML 6Page - Diodes Incorporated PI3USB9281 Datasheet HTML 7Page - Diodes Incorporated PI3USB9281 Datasheet HTML 8Page - Diodes Incorporated PI3USB9281 Datasheet HTML 9Page - Diodes Incorporated PI3USB9281 Datasheet HTML 10Page - Diodes Incorporated PI3USB9281 Datasheet HTML 11Page - Diodes Incorporated PI3USB9281 Datasheet HTML 12Page - Diodes Incorporated PI3USB9281 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-04-0004
PT0502-1
04/28/14
10
PI3USB9281
USB 2.0 Port Protection with Charger Detection
Figure 6. USB Standard Downstream Port (SDP) Attach Timing
Figure 7. Apple Chargers (1A/2A/2.4A) Attach Timing
Figure 8. Car Kit Type 1 and 2 Timing
VBUSIN>4.0V
Charger FET closed, INTB
asserted and registers written
INTB Pin
CHG Pin
VBUSIN Voltage
VBUSOUT
200ms
ID Floating
USB switch
Open
Closed
200ms
VBUSIN>4.0V
Charger FET closed, INTB
asserted and registers written
INTB Pin
CHG Pin
50ms
VBUSIN Voltage
VBUSOUT
130ms
ID Floating
Switch State
Open
Closed
130ms
VBUSIN>4.0V
Charger FET closed, INTB
asserted and registers written
INTB Pin
CHG Pin
VBUSIN Voltage
VBUSOUT
200ms
ID Floating
USB switch
Open
Closed
200ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com