Electronic Components Datasheet Search
  English  ▼

X  

PI3USB9281 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # PI3USB9281
Description  USB 2.0 Port Protection with Charger Detection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB9281 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button PI3USB9281 Datasheet HTML 2Page - Diodes Incorporated PI3USB9281 Datasheet HTML 3Page - Diodes Incorporated PI3USB9281 Datasheet HTML 4Page - Diodes Incorporated PI3USB9281 Datasheet HTML 5Page - Diodes Incorporated PI3USB9281 Datasheet HTML 6Page - Diodes Incorporated PI3USB9281 Datasheet HTML 7Page - Diodes Incorporated PI3USB9281 Datasheet HTML 8Page - Diodes Incorporated PI3USB9281 Datasheet HTML 9Page - Diodes Incorporated PI3USB9281 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2014-04-0004
PT0502-1
04/28/14
6
PI3USB9281
USB 2.0 Port Protection with Charger Detection
Register Map (Continuously.)
Note: Register address 04H, 06H, 07H, 08H, 09H, 0BH, 0CH, 0DH, 0FH, 10H, 11H, 12H, 14H, 15H, 16H, 17H, 18H, 19H, 1AH,
1CH, 1EH, 1FH, 20H and 21H are reserved
Address Register Type
Reset
Value
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0AH
Device
Type
Read
00000000
Reserved
USB
Charging
(DCP)
USB
Charging
(CDP)
Car Kit
Charger
Reserved
USB Data
(SDP)
OTG
MHL
0: No Detect
Reserved
1: USB
dedicated
charging port
(DCP)
detected
1: USB
charging
downstream
port (CDP)
detected
1: USB
Car Kit
Charger
detected
Reserved
1: USB
standard
downstream
port (SDP)
detected
1: USB OTG or
Unidentified
Devices detected
1: MHL
detected
0EH
Charger
Status
Read
00000000
Reserved:
-Read xxx
-Write 000
Apple Charger Type
Charger Type
0: No Detect
00: No connection
1: 2.4A
Apple
charger
detected
1: 2A
Apple
charger
detected
1: 1A
Apple
charger
detected
01: Reserved Charger
10: Car Kit charger type1
11: Car Kit charger Type 2
13H
Manual
Switch
Read/
Write
00000000
D- Connection
D+ Connection
VBUS Connection
000: Open D- switch
001: D- connected to DNH of USB port
000: Open D+ switch
001: D+ connected to DPH of USB port
00: Open VBUS switch
11: VBUSOUT connected to VBUSIN
1BH
Reset
Read/
Write
x0001000
Reserved: -Read xxxxxxx, -Write 0000000
Reset
0: No Reset
1: Reset
(Always
reads 0)
1DH
VBUS
Read
00000000
Reserved: -Read xxxxxx, -Write 000000
VBUSIN Valid
Reserved:
-Read x,
-Write 0
0: VBUSIN Not
Valid
1: VBUSIN Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com