Electronic Components Datasheet Search
  English  ▼

X  

VGS-200D Datasheet(PDF) 2 Page - CUI INC

Part # VGS-200D
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-200D Datasheet(HTML) 2 Page - CUI INC

  VGS-200D Datasheet HTML 1Page - CUI INC VGS-200D Datasheet HTML 2Page - CUI INC VGS-200D Datasheet HTML 3Page - CUI INC VGS-200D Datasheet HTML 4Page - CUI INC VGS-200D Datasheet HTML 5Page - CUI INC VGS-200D Datasheet HTML 6Page - CUI INC VGS-200D Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 01/31/2022
│ page 2 of 7
CUI Inc
│ SERIES: VGS-200D │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage range
ac input
dc input
85
120
305
430
Vac
Vdc
frequency range
47
63
Hz
current
at 115 Vac
at 230 Vac
3.0
2.0
A
A
inrush current
at 115 Vac, cold start
at 230 Vac, cold start
35
65
A
A
no load power consumption
at 230 Vac
1.0
W
power factor
at 115 Vac, full load
at 230 Vac, full load
0.98
0.95
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
5 V model
12 V model
15 V model
24 V model
48 V model
3,000
4,000
3,300
1,500
470
μF
μF
μF
μF
μF
initial set point acuracy
5 V model, full load range
all other models, full load range
±2
±1
%
%
line regulation
rated load
±0.5
%
load regulation
5 V model at 230 Vac, 0~100% load
all other models at 230 Vac, 0~100% load
±1
±0.5
%
%
hold-up time
at 115 Vac, full load
at 230 Vac, full load
8
8
ms
ms
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over current protection
auto recovery
105
200
%
over voltage protection
5 V model, auto recovery, hiccup
12 V model, output shut down, latching
15 V model, output shut down, latching
24 V model, output shut down, latching
48 V model, output shut down, latching
7.0
16.2
21.8
32.4
60.0
Vdc
Vdc
Vdc
Vdc
Vdc
short circuit protection
continuous, auto recovery, hiccup
over temperature protection
protection activation, full load
protection deactivation
55
85
°C
°C
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output, 1 min, <10 mA
input to ground, 1 min, <10 mA
output to ground, 1 min, <10 mA
4,000
2,000
500
Vac
Vac
Vac
safety approvals
certified to
62368: IEC, EN, UL
designed to meet 60335: IEC, EN (excludes 5 V model)
designed to meet 4943: GB
conducted emissions
CISPR32/EN55032 CLASS B
radiated emissions
CISPR32/EN55032 CLASS B
harmonic current
IEC/EN61000-3-2 CLASS A
voltage flicker
IEC/EN61000-3-3
ESD
IEC/EN 61000-4-2 Contact ±6KV/Air ±8KV, perf. Criteria A
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com