Electronic Components Datasheet Search
  English  ▼

X  

VGS-200D Datasheet(PDF) 3 Page - CUI INC

Part # VGS-200D
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-200D Datasheet(HTML) 3 Page - CUI INC

  VGS-200D Datasheet HTML 1Page - CUI INC VGS-200D Datasheet HTML 2Page - CUI INC VGS-200D Datasheet HTML 3Page - CUI INC VGS-200D Datasheet HTML 4Page - CUI INC VGS-200D Datasheet HTML 5Page - CUI INC VGS-200D Datasheet HTML 6Page - CUI INC VGS-200D Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
date 01/31/2022
│ page 3 of 7
CUI Inc
│ SERIES: VGS-200D │ DESCRIPTION: AC-DC POWER SUPPLY
SAFETY & COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
radiated immunity
IEC/EN61000-4-3 10V/m, perf. Criteria A
EFT/burst
IEC/EN61000-4-4 ±4KV, perf. Criteria A, (5 V model: +/- 2KV, perf. Criteria A)
surge
5 V model: IEC/EN61000-4-5 ±1KV/±2KV, perf. Criteria A
all other models: IEC/EN61000-4-5 ±2KV/±4KV, perf. Criteria A
conducted immunity
IEC/EN61000-4-6 10Vr.m.s, perf. Criteria A
voltage dips and interruption
IEC/EN61000-4-11 0%, 70%, perf. Criteria B
RoHS compliant
yes
MTBF
as per MIL-HDBK-217F at 25 °C
250,000
hrs
Note: One magnetic bead (nickel-zinc ferrite) should be coupled with the output load line during conducted/radiated emissions testing.
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-30
70
°C
storage temperature
-40
85
°C
operating humidity
non-condensing
20
90
%
storage humidity
non-condensing
10
95
%
temperature coefficient
0 ~ 45 °C
0.03
%/°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
5V model: 215.00 x 115.00 x 30.00
all other models: 179.00 x 99.00 x 30.00
mm
mm
weight
5V model
all other models
750
475
g
g
cooling
natural convection
case material
metal (AL1100)
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com