Electronic Components Datasheet Search
  English  ▼

X  

VGS-200D Datasheet(PDF) 5 Page - CUI INC

Part # VGS-200D
Description  AC-DC POWER SUPPLY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-200D Datasheet(HTML) 5 Page - CUI INC

  VGS-200D Datasheet HTML 1Page - CUI INC VGS-200D Datasheet HTML 2Page - CUI INC VGS-200D Datasheet HTML 3Page - CUI INC VGS-200D Datasheet HTML 4Page - CUI INC VGS-200D Datasheet HTML 5Page - CUI INC VGS-200D Datasheet HTML 6Page - CUI INC VGS-200D Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 01/31/2022
│ page 5 of 7
CUI Inc
│ SERIES: VGS-200D │ DESCRIPTION: AC-DC POWER SUPPLY
MECHANICAL DRAWING
units: mm [inches]
tolerance: ±1.00 [±0.039]
wire range: 22~12 AWG
connector tightening torque: M3.5, 0.8 N·m
Position
Screw Spec.
L (max)
Torque (max)
1 ~ 8
M4
4 mm
0.9 N·m
PIN OUT
PIN
Function
1
+Vo
2
+Vo
3
-Vo
4
-Vo
5
6
AC (N)/DC (-)
7
AC (L)/DC (+)
12V, 15V, 24V, 48V models
Note: At least one position 1 ~ 8
must be securely connected to the GND.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com