Electronic Components Datasheet Search
  English  ▼

X  

SIP32508 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIP32508
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32508 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIP32508 Datasheet HTML 3Page - Vishay Siliconix SIP32508 Datasheet HTML 4Page - Vishay Siliconix SIP32508 Datasheet HTML 5Page - Vishay Siliconix SIP32508 Datasheet HTML 6Page - Vishay Siliconix SIP32508 Datasheet HTML 7Page - Vishay Siliconix SIP32508 Datasheet HTML 8Page - Vishay Siliconix SIP32508 Datasheet HTML 9Page - Vishay Siliconix SIP32508 Datasheet HTML 10Page - Vishay Siliconix SIP32508 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SiP32508, SiP32509
www.vishay.com
Vishay Siliconix
S20-0528-Rev. C, 06-Jul-2020
7
Document Number: 62754
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (internally regulated, 25 °C, unless otherwise noted)
Fig. 16 - Turn-On Delay Time vs. Temperature
Fig. 17 - Turn-Off Delay Time vs. Temperature
Fig. 18 - EN Threshold Voltage vs. Input Voltage
TYPICAL WAVEFORMS
Fig. 19 - Typical Turn-On Delay, Rise Time
COUT = 0.1 μF, CIN = 4.7 μF, IOUT = 1.5 A
Fig. 20 - Typical Fall Time
COUT = 0.1 μF, CIN = 4.7 μF, IOUT = 1.5 A
1.2
1.4
1.6
1.8
2.0
2.2
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 5 V
C
L = 0.1 μF
R
L = 10 Ω
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 5 V
C
L = 0.1 μF
R
L = 10 Ω
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
11.5
22.5
33.5
44.5
55.5
V
IN (V)
V
IH
V
IL
EN
5VOUT
3.6VOUT
1.5VOUT
IOUT for 5VOUT
IOUT for 3.6VOUT
IOUTfor 1.5VOUT
2 V/Div, 2 A/Div, 2 ms/Div
2 V/Div, 2 A/Div, 2 μs/Div
EN
5VOUT
3.6VOUT
1.5VOUT
IOUT for 5VOUT
IOUT for 3.6VOUT
IOUT for 1.5VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com