Electronic Components Datasheet Search
  English  ▼

X  

SIP32508 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP32508
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32508 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP32508 Datasheet HTML 1Page - Vishay Siliconix SIP32508 Datasheet HTML 2Page - Vishay Siliconix SIP32508 Datasheet HTML 3Page - Vishay Siliconix SIP32508 Datasheet HTML 4Page - Vishay Siliconix SIP32508 Datasheet HTML 5Page - Vishay Siliconix SIP32508 Datasheet HTML 6Page - Vishay Siliconix SIP32508 Datasheet HTML 7Page - Vishay Siliconix SIP32508 Datasheet HTML 8Page - Vishay Siliconix SIP32508 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SiP32508, SiP32509
www.vishay.com
Vishay Siliconix
S20-0528-Rev. C, 06-Jul-2020
3
Document Number: 62754
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing
c. For VIN outside this range consult typical EN threshold curve
d. Not tested, guarantee by design
PIN CONFIGURATION
Fig. 2 - TSOT23-6 Package
EN input low voltage c
VIL
VIN = 1.2 V
-
-
0.3
V
VIN = 1.8 V
-
-
0.4 d
VIN = 2.5 V
-
-
0.5 d
VIN = 3.6 V
-
-
0.6 d
VIN = 4.3 V
-
-
0.7 d
VIN = 5 V
-
-
0.8 d
EN input high voltage c
VIH
VIN = 1.2 V
0.9 d
--
V
VIN = 1.8 V
1.2 d
--
VIN = 2.5 V
1.4 d
--
VIN = 3.6 V
1.6 d
--
VIN = 4.3 V
1.7 d
--
VIN = 5 V
1.8
-
-
EN input leakage
ISINK
VEN = 5.5 V
-1
-
1
μA
Output pulldown resistance
RPD
EN = inactive, TA = 25 °C, (for SiP32509 only)
-
217
280
Output turn-on delay time
td(on)
VIN = 3.6 V, RLOAD = 10 , TA = 25 °C
-1.8
-
ms
Output turn-on rise time
t(on)
1.2
2.5
3.8
Output turn-off delay time
td(off)
-
-
0.001
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
1, 2
OUT
These are output pins of the switch
3
EN
Enable input
4
GND
Ground connection
5, 6
IN
These are input pins of the switch
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS SPECIFIED
VIN = 5 V, TA = -40 °C to +85 °C
(typical values are at TA = 25 °C)
LIMITS
-40 °C to +85 °C
UNIT
MIN. a
TYP. b
MAX. a
1
2
3
6
5
4
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com