Electronic Components Datasheet Search
  English  ▼

X  

SIP32508 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32508
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32508 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32508 Datasheet HTML 1Page - Vishay Siliconix SIP32508 Datasheet HTML 2Page - Vishay Siliconix SIP32508 Datasheet HTML 3Page - Vishay Siliconix SIP32508 Datasheet HTML 4Page - Vishay Siliconix SIP32508 Datasheet HTML 5Page - Vishay Siliconix SIP32508 Datasheet HTML 6Page - Vishay Siliconix SIP32508 Datasheet HTML 7Page - Vishay Siliconix SIP32508 Datasheet HTML 8Page - Vishay Siliconix SIP32508 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiP32508, SiP32509
www.vishay.com
Vishay Siliconix
S20-0528-Rev. C, 06-Jul-2020
1
Document Number: 62754
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
DESCRIPTION
The SiP32508 and SiP32509 are a slew rate controlled load
switches designed for 1.1 V to 5.5 V operation.
The switch element is of n-channel device that provides low
Ron of 44 m typically over a wide range of input.
The devices guarantee low switch on-resistance at 1.2 V
input. They feature a controlled soft-on slew rate of typical
2.5 ms that limits the inrush current for designs of heavy
capacitive load and minimizes the resulting voltage droop at
the power rails.
These devices feature a low voltage control logic interface
(on/off interface) that can interface with low voltage control
signals without extra level shifting circuit.
SiP32508 and SiP32509 have exceptionally low shutdown
current and provides reverse blocking to prevent high
current flowing into the power source.
SiP32509 integrates a switch off output discharge circuit.
Both SiP32508 and SiP32509 are available in TSOT23-6
package.
FEATURES
• 1.1 V to 5.5 V operation voltage range
•Flat low Ron down to 1.2 V
• 44 m
 typical from 1.5 V to 5 V
• Slew rate controlled turn-on: 2.5 ms at 3.6 V
• Low quiescent current < 1 μA when disabled
10.5 μA typical at VIN = 1.2 V
• Reverse current blocking when switch is off, with
guaranteed less than 2 μA leakage
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• PDAs / smart phones
• Ultrabook and notebook computer
•Tablet devices
• Portable media players
• Digital camera
• GPS navigation devices
• Data storage devices
• Optical, industrial, medical, and healthcare devices
• Peripherals
• Office automation
•Networking
TYPICAL APPLICATION CIRCUIT
Fig. 1 - SiP32508, SiP32509 Typical Application Circuit
Note
• -GE3 denotes halogen-free and RoHS-compliant
Available
ORDERING INFORMATION
TEMPERATURE RANGE
PACKAGE
MARKING
PART NUMBER
-40 °C to +85 °C
TSOT23-6
LD
SiP32508DT-T1-GE3
LE
SiP32509DT-T1-GE3
SiP32508, SiP32509
IN
VOUT
OUT
VIN
GND
GND
GND
EN
EN
C
4.7 µF
IN
C
0.1 µF
OUT


Similar Part No. - SIP32508

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32508 VISHAY-SIP32508 Datasheet
225Kb / 10P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
29-Feb-16
More results

Similar Description - SIP32508

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
logo
Vishay Siliconix
SIP32510 VISHAY-SIP32510 Datasheet
517Kb / 12P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
08-Jul-13
SIP32401A VISHAY-SIP32401A Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408 Datasheet
252Kb / 14P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-May-13
SIP32508 VISHAY-SIP32508 Datasheet
225Kb / 10P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
29-Feb-16
SIP32510 VISHAY-SIP32510_V01 Datasheet
798Kb / 14P
1.2 V to 5.5 V, Slew Rate Controlled Load Switch in TSOT23-6
06-Jul-2020
SIP32401A VISHAY-SIP32401A_V01 Datasheet
217Kb / 13P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
01-Jun-15
SIP32408 VISHAY-SIP32408_V01 Datasheet
291Kb / 15P
1.1 V to 5.5 V, Slew Rate Controlled Load Switch
06-Jul-2020
SIP32454 VISHAY-SIP32454_V01 Datasheet
221Kb / 11P
0.8 V to 2.5 V, 28 mΩ, Slew Rate Controlled Load Switch in WCSP4
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com