Electronic Components Datasheet Search
  English  ▼

X  

P6L2424CS Datasheet(PDF) 3 Page - HY-LINE Power Components

Part # P6L2424CS
Description  6 W DC-DC Converter P6L24xxCx-Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY-LINE [HY-LINE Power Components]
Direct Link  https://www.hy-line-group.com
Logo HY-LINE - HY-LINE Power Components

P6L2424CS Datasheet(HTML) 3 Page - HY-LINE Power Components

  P6L2424CS Datasheet HTML 1Page - HY-LINE Power Components P6L2424CS Datasheet HTML 2Page - HY-LINE Power Components P6L2424CS Datasheet HTML 3Page - HY-LINE Power Components P6L2424CS Datasheet HTML 4Page - HY-LINE Power Components P6L2424CS Datasheet HTML 5Page - HY-LINE Power Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6 W DC-DC Converter P6L24xxCx-Series
HY-LINE Power Components Vertriebs GmbH
HY-LINE AG
Inselkammerstraße 10
Hochstrasse 355
D-82008 Unterhaching
CH-8200 Schaffhausen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: info@hy-line.ch
Figures 4a & b
EFT and Surge Filter to meet EN-, IEC 61000-4-4 Class B and EN-, IEC 61000-4-5 Class B
EMI-Filter to meet conducted- and radiated- emission EN 55032-, CISPR32- Class B
Single output application
Dual output application
Recommended peripheral components to circuits in figures 4 a & b
Type
Fuse
Time delay
type
Cin, C4
C1, C2
L
LCM
C3
CY
Cout
P6L24xxCS
2 A
330 µF, 100 V
10 µF, 100 V
-
0.47 mH
-
1 nF, 2 kV
See table
Figure 3
P6L24xxCD
2 A
330 µF, 100 V
10 µF, 100 V
10 µH
1.5 mH
10 µF, 50 V
1 nF, 2 kV
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com