Electronic Components Datasheet Search
  English  ▼

X  

P6L2424CS Datasheet(PDF) 5 Page - HY-LINE Power Components

Part # P6L2424CS
Description  6 W DC-DC Converter P6L24xxCx-Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY-LINE [HY-LINE Power Components]
Direct Link  https://www.hy-line-group.com
Logo HY-LINE - HY-LINE Power Components

P6L2424CS Datasheet(HTML) 5 Page - HY-LINE Power Components

  P6L2424CS Datasheet HTML 1Page - HY-LINE Power Components P6L2424CS Datasheet HTML 2Page - HY-LINE Power Components P6L2424CS Datasheet HTML 3Page - HY-LINE Power Components P6L2424CS Datasheet HTML 4Page - HY-LINE Power Components P6L2424CS Datasheet HTML 5Page - HY-LINE Power Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
6 W DC-DC Converter P6L24xxCx-Series
HY-LINE Power Components Vertriebs GmbH
HY-LINE AG
Inselkammerstraße 10
Hochstrasse 355
D-82008 Unterhaching
CH-8200 Schaffhausen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: info@hy-line.ch
Mechanical dimensions
Page 5 of 5
Pin assignment
Single
Dual
1
- Vin
- Vin
2
+ Vin
+ Vin
3
Rem. Ctrl
Rem. Ctrl
4
No pin
No pin
5
N.C.
N.C.
6
+ Vout
+ Vout
7
- Vout/ 0V
Common
8
N.C.
- Vout
Unit: mm
Pin diameter tolerance: 0.1 mm
General tolerances: 0.5 mm
PHI-CON is a trademark of HY-LINE Holding GmbH.
Only for professional use by professionals! Not for resale or distribution to the general public in any way! Read the instructions carefully before
using!
Life Support Policy: HY-LINE does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Rev: 20211027 f



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com