Electronic Components Datasheet Search
  English  ▼

X  

P6L2424CS Datasheet(PDF) 1 Page - HY-LINE Power Components

Part # P6L2424CS
Description  6 W DC-DC Converter P6L24xxCx-Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY-LINE [HY-LINE Power Components]
Direct Link  https://www.hy-line-group.com
Logo HY-LINE - HY-LINE Power Components

P6L2424CS Datasheet(HTML) 1 Page - HY-LINE Power Components

  P6L2424CS Datasheet HTML 1Page - HY-LINE Power Components P6L2424CS Datasheet HTML 2Page - HY-LINE Power Components P6L2424CS Datasheet HTML 3Page - HY-LINE Power Components P6L2424CS Datasheet HTML 4Page - HY-LINE Power Components P6L2424CS Datasheet HTML 5Page - HY-LINE Power Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6 W DC-DC Converter P6L24xxCx-Series
HY-LINE Power Components Vertriebs GmbH
HY-LINE AG
Inselkammerstraße 10
Hochstrasse 355
D-82008 Unterhaching
CH-8200 Schaffhausen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: info@hy-line.ch
●
Wide 4:1 input range
●
1500 VDC isolation
●
Standard SIL 8 Pin package
●
Continuous short circuit protection
●
-40...85 °C operating temperature range
Model guide
Type
Input voltage
Input current
Output
voltage
[VDC]
Output current
Efficiency @ full load
Capacitive load
(Cout)
(see note 3)
[µF] max.
nominal
[VDC]
Range
[VDC]
no load
max.
[mA]
full load
max.
[mA]
min.
load
[mA]
max.
load
[mA]
[%] min.
[%] typ.
Single Output
P6L243R3CS
24
9...36
12
245
3.3
0
1350
76
78
1800
P6L2405CS
24
9...36
12
315
5
0
1200
80
82
1000
P6L2409CS
24
9...36
16
315
5
0
667
82
84
470
P6L2412CS
24
9...36
16
315
12
0
500
84
86
470
P6L2415CS
24
9...36
16
315
15
0
400
85
87
220
P6L2424CS
24
9...36
16
315
24
0
250
83
85
100
Dual Output
P6L2405CD
24
9...36
16
320
±5
0
±600
78
80
2 x 470
P6L2409CD
24
9...36
16
310
±9
0
±333
81
83
2 x 220
P6L2412CD
24
9...36
16
310
±12
0
±250
81
83
2 x 120
P6L2415CD
24
9...36
16
310
±15
0
±200
81
83
2 x 100
P6L2424CD
24
9...36
16
315
±24
0
±125
80
82
2 x 68
Specifications
Input
Under voltage protection
Start up voltage Under voltage
lockout
P6L24xxCx
≤ 9 VDC
≥ 5.5 VDC
Filter
Capacitor
Reflected ripple current
50 mAp-p, typ. (see Figure 1)
Input surge voltage
≤ 50 VDC duration ≤ 1 s
Remote control threshold
(see Figure 5)
ON state
OFF state
3.5…12 V
Or open input
≤1.2 V
OFF state idle input current
≤10 mA
Isolation input - output:
Rated voltage (tested for 1 Minute) P6L24xxCS: 1600 VDC, at
≤ 1 mA
P6L24xxCD: 1500 VDC, at
≤ 1 mA
Resistance
≥ 109 Ω, measured @ 500 VDC
Capacitance
1000 pF, typ.
Output
Voltage tolerance
≤ ± 3 %, load range 5…100 %
Voltage load regulation
≤ ± 1.5 %, at 5 %...100 % load
Voltage cross balance
(dual outputs)
≤ ± 1.5 %, at balanced load
Voltage cross deviation
(dual outputs)
≤ ± 5 %, at 50 % load difference
Line voltage regulation
≤ ± 1.5 %, over full Vin range
Temperature coefficient
± 0.03 % / °C
Transient recovery time
≤ 500 µs, at 25 % load steps
Transient response deviation
@ 25 % load steps
≤ 8 %, P6L243R3Cx, P6L2405Cx
≤ 5 % all others
Short circuit protection
Continuous, hiccup, auto restart
Over current protection
110 %... 230 % of rated current
Rippel & noise,
BW 20MHz
P6L24..CS
≤ 100 mVp-p
(see Figure 2)
P6L24..CD
≤ 150 mVp-p
(see Figure 2)
Product ordering information
Series P6L
Input voltage
Output voltage
Revision
Output configuration
PHI-CON 6 W
24
24 V
3R3
3.3 V
C
S
Single
05
5 V
D
Dual
09
9 V
12
12 V
15
15 V
24
24 V
Example:
P6L2405CD
Pout: 6 W, Vin: 24 V (9…36 V), Vout: ±5 V
Page 1 of 5
General
Safety standard
EN 62368-1
Start up time
10 ms, typ at R-load
Switching frequency
500 kHz, typ.
Reliability calculated MTBF
MIL-HDBK-217F @ 25 °C
≥ 1 Mio. h
EMC characteristics
CE
EN 55032, CISPR 32
Class B
(see Figure 4)
RE
EN 55032, CISPR 32
Class B
(see Figure 4)
ESD
EN-, IEC 61000-4-2
Contact ± 4 kV
perf. Criteria B
RS
EN-, IEC 61000-4-3
10V/m
perf. Criteria A
EFT
EN-, IEC 61000-4-4
± 2 kV perf.
perf. Criteria B
(see Figure 4)
Surge
EN-, IEC 61000-4-5
Line to line ± 2 kV perf. Criteria B
(see Figure 4)
CS
EN-, IEC 61000-4-6
3 Vrms
perf. Criteria A
Environmental
Operating ambient
temperature
P6L…CS
-
40 °C … 85 °C
with derating
P6L…CD
-
40 °C … 105 °C with derating
Storage temperature
-
55 °C … 125 °C
Storage humidity
5…95 %, non condensing
Cooling
Free air convection, ≥ 35 LFM
Vibration X-, Y- and Z-axis
10…150 Hz, 5g, 0,75 mm
Physical
Dimensions
9.5 x 22 x 12 mm
Weight
4.6 g
Case material
Plastic (UL94V-0 rated)
Potting Material
Epoxy (UL94V-0 rated)
Absolute max. ratings
Pin soldering temperature
≤ 300°C peak duration ≤ 10 s,
≥ 1.5mm body distance


Similar Part No. - P6L2424CS

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6LG-0505EK PEAK-P6LG-0505EK Datasheet
149Kb / 3P
Short Circuit Protection
P6LG-0505ELF PEAK-P6LG-0505ELF Datasheet
137Kb / 3P
Low Ripple and Noise
P6LG-0505ZSLF PEAK-P6LG-0505ZSLF Datasheet
135Kb / 2P
PM2-SERIES
P6LG-0509EK PEAK-P6LG-0509EK Datasheet
149Kb / 3P
Short Circuit Protection
P6LG-0509ELF PEAK-P6LG-0509ELF Datasheet
137Kb / 3P
Low Ripple and Noise
More results

Similar Description - P6L2424CS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS5T48-12 STMICROELECTRONICS-GS5T48-12 Datasheet
47Kb / 3P
5 W DC-DC CONVERTER
Jun-1994
logo
Power Integrations, Inc...
DI-24 POWERINT-DI-24 Datasheet
57Kb / 2P
30 W DC-DC Converter
logo
HY-LINE Power Component...
P6A123R3S HY-LINE-P6A123R3S Datasheet
1Mb / 5P
6 W DC-DC Converter P6A-Series
Rev: 20180727 f
P6E053R3SC HY-LINE-P6E053R3SC Datasheet
362Kb / 4P
6 W DC-DC Converter P6E-Series
Rev: 20200206 f
P6E123R3CS HY-LINE-P6E123R3CS Datasheet
581Kb / 5P
6 W DC-DC Converter P6ExxxxCx-Series
Rev: 20211027 f
P6F243R3S HY-LINE-P6F243R3S Datasheet
1Mb / 5P
6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6G243R3S HY-LINE-P6G243R3S Datasheet
419Kb / 3P
6 W DC-DC Converter P6G-Series
Rev: 20210205 f
P6N123R3S HY-LINE-P6N123R3S Datasheet
1Mb / 5P
6 W DC-DC Converter P6N-Series
Rev: 20171106 f
P6P243R3S HY-LINE-P6P243R3S Datasheet
1Mb / 5P
6 W DC-DC Converter P6P-Series
Rev: 01.17 f
logo
Bel Fuse Inc.
RDT-6Y BEL-RDT-6Y Datasheet
787Kb / 7P
6 W Isolated DC-DC Converter
15 December 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com