Electronic Components Datasheet Search
  English  ▼

X  

SIP11206 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP11206
Description  Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11206 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP11206 Datasheet HTML 1Page - Vishay Siliconix SIP11206 Datasheet HTML 2Page - Vishay Siliconix SIP11206 Datasheet HTML 3Page - Vishay Siliconix SIP11206 Datasheet HTML 4Page - Vishay Siliconix SIP11206 Datasheet HTML 5Page - Vishay Siliconix SIP11206 Datasheet HTML 6Page - Vishay Siliconix SIP11206 Datasheet HTML 7Page - Vishay Siliconix SIP11206 Datasheet HTML 8Page - Vishay Siliconix SIP11206 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Vishay Siliconix
SiP11206
Document Number: 69232
S-81795-Rev. C, 04-Aug-08
www.vishay.com
1
Product is End of Life 12/2014
Half-Bridge Controller with Primary MOSFET Drivers for
Intermediate Bus Converters
FEATURES
•
36 V to 75 V input voltage range
•
Withstand 100 V, 100 ms transient capability
•
Integrated ± 1.6 A typical high- and low-side MOSFET
drivers
•
Oscillator frequency is programmable from 200 kHz to
1 MHz and can be externally synchronized
•
High voltage pre-regulator operates during start-up
•
Current sensing on primary low-side switch
•
Hiccup mode
•
System low input voltage detection
•
Chip UVLO function
•
Programmable soft-start function
•
Over temperature protection (160 °C)
• Greater than 95 % efficiency
APPLICATIONS
•
Intermediate bus architectures
•
Telecom and Datacom
•
Routers and servers
•
Storage area network
•
Base station
• 1/8 and 1/4 bricks
DESCRIPTION
SiP11206 is a controller for the primary side of a half-bridge
intermediate bus converter (IBC). It is ideally suited for
isolated applications such as telecom, data communications
and other products requiring an IBC architecture and
conversion of standard bus voltages such as 48 V to a lower
intermediate voltage, where high efficiency is required at low
output voltages (24 V, 12 V, 9 V or 5 V).
Designed to operate within the telecom voltage range of
36 V to 75 V and withstand 100 V transients for a period of
100 ms, the IC is designed for controlling and driving both
the low- and high-side switching devices of a half-bridge
converter.
The SiP11206 operates with a fixed duty cycle to provide the
highest efficiency over a wide input voltage range. SiP11206
has advanced current monitoring and control circuitry, which
allows the user to set the maximum current in the primary
circuit. This feature acts as protection against overcurrent,
output short circuit. Current sensing is by means of a sense
resistor connected in series with the primary low-side
MOSFET.
TYPICAL APPLICATION CIRCUIT
Vo-
Vin+
Vo+
Vin-
VINDET
1
VIN
2
VCC
3
COMP
4
CS
5
AGND
6
VREF
7
ROSC
8
BST
16
DH
15
LX
14
DL
13
PGND
12
SS
11
RDB
10
COSC
9
SiP11206
36 V to 75 V
100 V/100 ms
RDB


Similar Part No. - SIP11206

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11206 VISHAY-SIP11206 Datasheet
414Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
SIP11206DLP-T1-E3 VISHAY-SIP11206DLP-T1-E3 Datasheet
414Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
SIP11206DQP-T1-E3 VISHAY-SIP11206DQP-T1-E3 Datasheet
414Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
More results

Similar Description - SIP11206

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7621 FAIRCHILD-FAN7621 Datasheet
1Mb / 17P
PFM Controller for Half-Bridge Resonant Converters
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
PFM Controller for Half-Bridge Resonant Converters
FAN7621 FAIRCHILD-FAN7621_10 Datasheet
636Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
logo
Vishay Siliconix
SIP11205 VISHAY-SIP11205 Datasheet
339Kb / 21P
Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
SIP11206 VISHAY-SIP11206 Datasheet
414Kb / 19P
Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
logo
ON Semiconductor
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
FAN7621S ONSEMI-FAN7621S Datasheet
597Kb / 14P
PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
logo
Vishay Siliconix
SIP11205 VISHAY-SIP11205_V01 Datasheet
341Kb / 21P
Feed-Forward Controller with Primary MOSFET Drivers for Intermediate Bus Converters
04-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com