Electronic Components Datasheet Search
  English  ▼

X  

SIP11206 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SIP11206
Description  Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11206 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SIP11206 Datasheet HTML 8Page - Vishay Siliconix SIP11206 Datasheet HTML 9Page - Vishay Siliconix SIP11206 Datasheet HTML 10Page - Vishay Siliconix SIP11206 Datasheet HTML 11Page - Vishay Siliconix SIP11206 Datasheet HTML 12Page - Vishay Siliconix SIP11206 Datasheet HTML 13Page - Vishay Siliconix SIP11206 Datasheet HTML 14Page - Vishay Siliconix SIP11206 Datasheet HTML 15Page - Vishay Siliconix SIP11206 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.vishay.com
12
Document Number: 69232
S-81795-Rev. C, 04-Aug-08
Vishay Siliconix
SiP11206
TYPICAL CHARACTERISTICS
IDSS2 vs. Temperature
FDL/FDH vs. Temperature
VREF vs. Temperature
- 40
- 15
10
35
60
85
110
135
Temperature (°C)
0.30
0.35
0.40
0.45
0.50
0.55
- 40
- 15
10
35
60
85
110
135
Temperature (°C)
370
380
390
400
410
420
430
F
DL
F
DH
Temperature (°C)
3.288
3.290
3.292
3.294
3.296
3.298
3.300
3.302
3.304
- 40
- 15
10
35
60
85
110
IVINSD vs. Temperature
DMAX. vs. Temperature
VRDB vs. Temperature
Temperature (°C)
- 40
- 15
10
35
60
85
110
135
0
20
40
60
80
100
120
140
- 40
- 15
10
35
60
85
110
135
Temperature (°C)
45.6
45.8
46.0
46.2
46.4
46.6
46.8
47.0
47.2
47.4
DH = 40 V
DL = 44 V
Temperature (°C)
- 40
- 15
10
35
60
85
110
135
3.15
3.16
3.17
3.18
3.19
3.20
VCC = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com