Electronic Components Datasheet Search
  English  ▼

X  

SIP11206 Datasheet(PDF) 16 Page - Vishay Siliconix

Part # SIP11206
Description  Half-Bridge Controller with Primary MOSFET Drivers for Intermediate Bus Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11206 Datasheet(HTML) 16 Page - Vishay Siliconix

Back Button SIP11206 Datasheet HTML 11Page - Vishay Siliconix SIP11206 Datasheet HTML 12Page - Vishay Siliconix SIP11206 Datasheet HTML 13Page - Vishay Siliconix SIP11206 Datasheet HTML 14Page - Vishay Siliconix SIP11206 Datasheet HTML 15Page - Vishay Siliconix SIP11206 Datasheet HTML 16Page - Vishay Siliconix SIP11206 Datasheet HTML 17Page - Vishay Siliconix SIP11206 Datasheet HTML 18Page - Vishay Siliconix SIP11206 Datasheet HTML 19Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
NOTES:
1. All dimensions are in millimeters (angles in degrees).
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
4. Dimension “E1” does not include internal flash or protrusion.
5. Dimension “b” does not include Dambar protrusion.
6. “N” is the maximum number of lead terminal positions for the specified package length.
7. Datums −A− and −B− to be determined at datum plane −H− .
8. Dimensions “D” and “E1” are to be determined at datum plane −H− .
9. Cross section B-B to be determined at 0.10 to 0.25 mm from the lead tip.
10. Refer to JEDEC MO-153, Issue C., Variation ABT.
11. Exposed pad will depend on the pad size of the L/F.
Package Information
Vishay Siliconix
www.vishay.com
2 of 2
Document Number: 72778
31-Mar-05
POWER IC THERMALLY ENHANCED PowerPAKR TSSOP: 14/16-LEAD
MILLIMETERS
INCHES*
Dim
Min
Nom
Max
Min
Nom
Max
A
−
−
1.20
−
−
0.0472
A1
0.025
−
0.100
0.001
−
0.0039
A2
0.80
0.90
1.05
0.0315
0.0354
0.0413
b
0.19
−
0.30
0.0075
−
0.0118
b1
0.19
0.22
0.25
0.0075
0.0087
0.0098
c
0.09
−
0.20
0.0035
−
0.0079
c1
0.09
−
0.16
0.0035
−
0.0063
D
4.9
5.0
5.1
0.1929
0.1968
0.2008
e
0.65 BSC
0.0256 BSC
E
6.2
6.4
6.6
0.2441
0.2520
0.2598
E1
4.3
4.4
4.5
0.1693
0.1732
0.1772
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
1.0 REF
0.0394 REF
R
0.09
−
−
0.0035
−
−
R1
0.09
−
−
0.0035
−
−
q1
0
−
0
0
−
0
N (14)
14
14
N (16)
16
16
X
2.95
3.0
3.05
0.116
0.118
0.120
Y (14)
3.15
3.2
3.25
0.124
0.126
0.128
Y (16)
2.95
3.0
3.05
0.116
0.118
0.120
aaa
0.10
0.0039
bbb
0.10
0.0039
ccc
0.05
0.0020
ddd
0.20
0.0079
ECN: S-50568—Rev. B, 04-Apr-05
DWG: 5913
*Dimensions are in mm converted to inches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com