Electronic Components Datasheet Search
  English  ▼

X  

SIP2204 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIP2204
Description  Quad Channel Monolithic Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2204 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIP2204 Datasheet HTML 8Page - Vishay Siliconix SIP2204 Datasheet HTML 9Page - Vishay Siliconix SIP2204 Datasheet HTML 10Page - Vishay Siliconix SIP2204 Datasheet HTML 11Page - Vishay Siliconix SIP2204 Datasheet HTML 12Page - Vishay Siliconix SIP2204 Datasheet HTML 13Page - Vishay Siliconix SIP2204 Datasheet HTML 14Page - Vishay Siliconix SIP2204 Datasheet HTML 15Page - Vishay Siliconix SIP2204 Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SiP2204
www.vishay.com
Vishay Siliconix
S20-0486-Rev. C, 29-Jun-2020
13
Document Number: 62619
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package / tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?62619.
PRODUCT SUMMARY
Part number
SiP2204
Description
0.5 A power stage, 10 VIN to 24 VIN, 3.3 V and 5.5 V PWM with - mode
Input voltage min. (V)
10
Input voltage max. (V)
24
Continuous current rating max. (A)
0.5
Switch frequency max. (kHz)
5000
Enable (yes / no)
YES
Monitoring features
-
Protection
UVLO
Light load mode
-
Pulse-width modulation (V)
3.3 and 5
Package type
QFN32-55
Package size (W, L, H) (mm)
5.0 x 5.0 x 0.85
Status code
2
Product type
VRPower (DrMOS)
Applications
Computer, industrial, networking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com