Electronic Components Datasheet Search
  English  ▼

X  

SIP2204 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP2204
Description  Quad Channel Monolithic Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2204 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP2204 Datasheet HTML 1Page - Vishay Siliconix SIP2204 Datasheet HTML 2Page - Vishay Siliconix SIP2204 Datasheet HTML 3Page - Vishay Siliconix SIP2204 Datasheet HTML 4Page - Vishay Siliconix SIP2204 Datasheet HTML 5Page - Vishay Siliconix SIP2204 Datasheet HTML 6Page - Vishay Siliconix SIP2204 Datasheet HTML 7Page - Vishay Siliconix SIP2204 Datasheet HTML 8Page - Vishay Siliconix SIP2204 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SiP2204
www.vishay.com
Vishay Siliconix
S20-0486-Rev. C, 29-Jun-2020
2
Document Number: 62619
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PART MARKING
Notes
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
(1) The specification values indicated “AC” is SWX to PGND, 29 V (< 50 ns), max.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL PARAMETER
CONDITIONS
LIMIT
UNIT
Input voltage
VINX
-0.3 to +26
V
Control logic supply voltage
VCIN
-0.3 to +6
Low-side driver supply voltage
VDRVX
-0.3 to +6
Switch node (DC voltage)
SWX
-0.3 to +26
Switch node (AC voltage) (1)
29
High-side regulator output monitor voltage
VZX
(VINX - 6) to VINX and VZX > -0.3
All logic inputs and outputs (PWMX and EN)
-0.3 to VCIN + 0.3
Max. operating junction temperature
TJ
150
°C
Ambient temperature
TA
-40 to +125
Storage temperature
Tstg
-65 to +150
Electrostatic discharge protection
Human body model, JESD22-A114
3000
V
Charged device model, JESD22-C101
1000
RECOMMENDED OPERATING RANGE
ELECTRICAL PARAMETER
MINIMUM
TYPICAL
MAXIMUM
UNIT
Input voltage (VINx)10
-
24
V
Low-side driver supply voltage (VDRVx)
4.555.5
Control logic supply voltage (VCIN)
4.555.5
Thermal resistance from junction to PCB
-
25
-
°C/W
Thermal resistance from junction to case
-
1
-
=
pin 1 indicator
P/N =
part number code
=
Siliconix logo
=ESD symbol
F
=
assembly factory code
Y
=
year code
WW
=
week code
LL
=
lot code
F Y W W
P/N
LL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com