Electronic Components Datasheet Search
  English  ▼

X  

SIP2204 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP2204
Description  Quad Channel Monolithic Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP2204 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP2204 Datasheet HTML 1Page - Vishay Siliconix SIP2204 Datasheet HTML 2Page - Vishay Siliconix SIP2204 Datasheet HTML 3Page - Vishay Siliconix SIP2204 Datasheet HTML 4Page - Vishay Siliconix SIP2204 Datasheet HTML 5Page - Vishay Siliconix SIP2204 Datasheet HTML 6Page - Vishay Siliconix SIP2204 Datasheet HTML 7Page - Vishay Siliconix SIP2204 Datasheet HTML 8Page - Vishay Siliconix SIP2204 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SiP2204
www.vishay.com
Vishay Siliconix
S20-0486-Rev. C, 29-Jun-2020
3
Document Number: 62619
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Fig. 2 - Pin Configuration for SiP2204
PIN CONFIGURATION
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1, 2
SW 2
Channel 2 driver output
3 to 6,
13, 14, 27, 28
PGND
Low-side driver power return for all channels
7, 8
SW 3
Channel 3 driver output
9, 10
VIN 34
Power stage input voltage and high-side driver power supply for channel 3 and 4
11, 12
SW 4
Channel 4 driver output
15
VDRV 34
Low-side driver power supply for channel 3 and 4
16
VZ 34
High-side regulator output monitor for channel 3 and 4
18
EN
Global enable pin. Active high
19
PWM 4
Channel 4 PWM input (In phase with SW)
20
PWM 3
Channel 3 PWM input (In phase with SW)
21
PWM 2
Channel 2 PWM input (In phase with SW)
22
PWM 1
Channel 1 PWM input (In phase with SW)
23
VCIN
Supply voltage for internal logic circuitry
17, 24, 33
AGND
Analog ground
25
VZ 12
High-side regulator output monitor for channel 1 and 2
26
VDRV 12
Low-side driver power supply for channel 1 and 2
29, 30
SW 1
Channel 1 driver output
31, 32
VIN 12
Power stage input voltage and high-side driver power supply for channel 1 and 2
SW 2 - 1
17 - A
GND
18 - EN
20 - PWM 3
19 - PWM 4
21 - PWM 2
23 - V
CIN
22 - PWM 1
24 - A
GND
SW 2 - 2
P
GND - 3
P
GND - 4
P
GND - 5
P
GND - 6
SW 3 - 7
SW 3 - 8
33 - A
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com