Electronic Components Datasheet Search
  English  ▼

X  

SIP32413 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP32413
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32413 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP32413 Datasheet HTML 5Page - Vishay Siliconix SIP32413 Datasheet HTML 6Page - Vishay Siliconix SIP32413 Datasheet HTML 7Page - Vishay Siliconix SIP32413 Datasheet HTML 8Page - Vishay Siliconix SIP32413 Datasheet HTML 9Page - Vishay Siliconix SIP32413 Datasheet HTML 10Page - Vishay Siliconix SIP32413 Datasheet HTML 11Page - Vishay Siliconix SIP32413 Datasheet HTML 12Page - Vishay Siliconix SIP32413 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SiP32413, SiP32414, SiP32416
www.vishay.com
Vishay Siliconix
S20-0532-Rev. C, 06-Jul-2020
9
Document Number: 71437
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 30 - SiP32413 Channel 2 and SiP32414 Switching
(VIN = 5 V, RL = 10 )
Fig. 31 - SiP32413 Channel 2 and SiP32414 Turn-Off
(VIN = 5 V, RL = 10 )
Fig. 32 - SiP32416 Switching
(VIN = 3.6 V, RL = 7.2 )
Fig. 33 - SiP32416 Turn-Off
(VIN = 3.6 V, RL = 7.2 )
Fig. 34 - SiP32416 Switching
(VIN = 5 V, RL = 10 ))
Fig. 35 - SiP32416 Turn-Off
(VIN = 5 V, RL = 10 ))
V
CNTRL
(2 V/div.)
I
OUT (200 mA/div.)
Time (100 μs/div.)
R
L = 10 Ω
C
L = 0.1 μF
V
OUT (2 V/div.)
V
CNTRL (2 V/div.)
I
OUT (200 mA/div.)
Time (1 μs/div.)
R
L = 10 Ω
C
L = 0.1 μF
V
OUT (2 V/div.)
V
CNTRL
(2 V/div.)
R
L = 7.2 Ω
C
L = 0.1 μF
V
OUT (1 V/div.)
I
OUT (200 mA/div.)
Time (2 ms/div.)
V
CNTRL
(2 V/div.)
R
L = 7.2 Ω
C
L = 0.1 μF
V
OUT (1 V/div.)
I
OUT (200 mA/div.)
Time (1 μs/div.)
V
CNTRL
(2 V/div.)
R
L = 10 Ω
C
L = 0.1 μF
V
OUT (2 V/div.)
I
OUT (200 mA/div.)
Time (2 ms/div.)
V
CNTRL
(2 V/div.)
R
L = 10 Ω
C
L = 0.1 μF
V
OUT (2 V/div.)
I
OUT (200 mA/div.)
Time (1 μs/div.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com