Electronic Components Datasheet Search
  English  ▼

X  

SIP32413 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIP32413
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32413 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIP32413 Datasheet HTML 6Page - Vishay Siliconix SIP32413 Datasheet HTML 7Page - Vishay Siliconix SIP32413 Datasheet HTML 8Page - Vishay Siliconix SIP32413 Datasheet HTML 9Page - Vishay Siliconix SIP32413 Datasheet HTML 10Page - Vishay Siliconix SIP32413 Datasheet HTML 11Page - Vishay Siliconix SIP32413 Datasheet HTML 12Page - Vishay Siliconix SIP32413 Datasheet HTML 13Page - Vishay Siliconix SIP32413 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SiP32413, SiP32414, SiP32416
www.vishay.com
Vishay Siliconix
S20-0532-Rev. C, 06-Jul-2020
10
Document Number: 71437
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BLOCK DIAGRAM
Fig. 36 - Functional Block Diagram
PCB LAYOUT
Fig. 37 - PCB Layout for TDFN8 2.0 mm x 2.0 mm (type: FR4, size: 1.2" x 1.3", thickness: 0.062", copper thickness: 2 oz.)
DETAILED DESCRIPTION
SiP32413, SiP32414, and SiP32416 are dual n-channel
power MOSFETs designed as high side load switch with
slew rate control to prevent in-rush current. Once enable the
device charges the gate of the power MOSFET to 5 V gate
to source voltage while controlling the slew rate of the turn
on time. The mostly constant gate to source voltage keeps
the on resistance low through out the input voltage range.
For SiP32414, when disable the output discharge circuit
turns on to help pull the output voltage to ground more
quickly. For all parts, in disable mode, the reverse blocking
circuit is activated to prevent current from going back to the
input in case the output voltage is higher than the input
voltage. Input voltage is needed for the reverse blocking
circuit to work properly, it can be as low as VIN(min.).
APPLICATION INFORMATION
Input Capacitor
While bypass capacitors on the inputs are not required,
2.2 μF or larger capacitors for CIN is recommended in almost
all applications. The bypass capacitors should be placed as
physically close as possible to the device’s input to be
effective in minimizing transients on the input. Ceramic
capacitors are recommended over tantalum because of
their ability to withstand input current surges from low
impedance sources such as batteries in portable devices.
+
-
-
+
IN1
CNTRL1
CNTRL2
IN2
OUT1
GND
OUT2
SiP32414 and SiP32416
only
Reverse
Blocking
Reverse
Blocking
Charge
Pump
Charge
Pump
Logic
Control
Logic
Control
Turn On
Slew Rate
Control
Turn On
Slew Rate
Control
Top
Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com