Electronic Components Datasheet Search
  English  ▼

X  

SIP32413 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SIP32413
Description  Dual 2 A, 1.2 V, Slew Rate Controlled Load Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32413 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SIP32413 Datasheet HTML 6Page - Vishay Siliconix SIP32413 Datasheet HTML 7Page - Vishay Siliconix SIP32413 Datasheet HTML 8Page - Vishay Siliconix SIP32413 Datasheet HTML 9Page - Vishay Siliconix SIP32413 Datasheet HTML 10Page - Vishay Siliconix SIP32413 Datasheet HTML 11Page - Vishay Siliconix SIP32413 Datasheet HTML 12Page - Vishay Siliconix SIP32413 Datasheet HTML 13Page - Vishay Siliconix SIP32413 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SiP32413, SiP32414, SiP32416
www.vishay.com
Vishay Siliconix
S20-0532-Rev. C, 06-Jul-2020
12
Document Number: 71437
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71437.
PRODUCT SUMMARY
Part number
SiP32413
SiP32414
SiP32416
Description
Dual switch, 1.1 V to 5.5 V,
150 μs rise time,
reversed EN logic
1.1 V to 5.5 V,
150 μs rise time,
output discharge
1.1 V to 5.5 V,
2.5 ms rise time,
output discharge
Configuration
Dual
Dual
Dual
Slew rate time (μs)
150
150
2500
On delay time (μs)
140
140
2000
Input voltage min. (V)
1.1
1.1
1.1
Input voltage max. (V)
5.5
5.5
5.5
On-resistance at input voltage min. (m
)
666666
On-resistance at input voltage max. (m
)
626262
Quiescent current at input voltage min. (μA)
6.7
6.7
6.7
Quiescent current at input voltage max. (μA)
71
71
71
Output discharge (yes / no)
No
Yes
Yes
Reverse blocking (yes / no)
Yes
Yes
Yes
Continuous current (A)
2.4
2.4
2.4
Package type
TDFN8
TDFN8
TDFN8
Package size (W, L, H) (mm)
2.0 x 2.0 x 0.5
2.0 x 2.0 x 0.5
2.0 x 2.0 x 0.5
Status code
222
Product type
Slew rate
Slew rate
Slew rate
Applications
Computers, consumer,
industrial, healthcare,
networking, portable
Computers, consumer,
industrial, healthcare,
networking, portable
Computers, consumer,
industrial, healthcare,
networking, portable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com