Electronic Components Datasheet Search
  English  ▼

X  

SIP32461 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIP32461
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32461 Datasheet(HTML) 5 Page - Vishay Siliconix

  SIP32461 Datasheet HTML 1Page - Vishay Siliconix SIP32461 Datasheet HTML 2Page - Vishay Siliconix SIP32461 Datasheet HTML 3Page - Vishay Siliconix SIP32461 Datasheet HTML 4Page - Vishay Siliconix SIP32461 Datasheet HTML 5Page - Vishay Siliconix SIP32461 Datasheet HTML 6Page - Vishay Siliconix SIP32461 Datasheet HTML 7Page - Vishay Siliconix SIP32461 Datasheet HTML 8Page - Vishay Siliconix SIP32461 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SiP32460, SiP32461, SiP32462
www.vishay.com
Vishay Siliconix
S20-0532-Rev. E, 06-Jul-2020
5
Document Number: 67754
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TJ = 25 °C, unless otherwise noted)
Fig. 4 - Quiescent Current vs. Input Voltage
Fig. 5 - Off Supply Current vs. Input Voltage
Fig. 6 - Off Supply Current vs. Temperature
Fig. 7 - Quiescent Current vs. Temperature
Fig. 8 - Off Supply Current vs. Input Voltage
Fig. 9 - Off Supply Current vs. Temperature
0
1
2
3
4
5
6
7
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
0
50
100
150
200
250
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
SiP32461
OUT = OPEN
0.001
0.01
0.1
1
10
100
1000
10 000
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 1.2 V
V
IN = 3.3 V
V
IN = 5.5 V
V
IN = 5.0 V
V
IN = 2.5 V
SiP32461
0
1
2
3
4
5
6
7
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 5.5 V
V
IN = 3.3 V
V
IN = 1.2 V
V
IN = 2.5 V
V
IN = 5.0 V
0
5
10
15
20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN (V)
SiP32460, SiP32462
OUT = OPEN
0.001
0.01
0.1
1
10
100
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
V
IN = 1.2 V
V
IN = 3.3 V
V
IN = 5.5 V
V
IN = 5.0 V
V
IN = 2.5 V
SiP32460, SiP32462



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com