Electronic Components Datasheet Search
  English  ▼

X  

SIP32461 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIP32461
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32461 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIP32461 Datasheet HTML 7Page - Vishay Siliconix SIP32461 Datasheet HTML 8Page - Vishay Siliconix SIP32461 Datasheet HTML 9Page - Vishay Siliconix SIP32461 Datasheet HTML 10Page - Vishay Siliconix SIP32461 Datasheet HTML 11Page - Vishay Siliconix SIP32461 Datasheet HTML 12Page - Vishay Siliconix SIP32461 Datasheet HTML 13Page - Vishay Siliconix SIP32461 Datasheet HTML 14Page - Vishay Siliconix SIP32461 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SiP32460, SiP32461, SiP32462
www.vishay.com
Vishay Siliconix
S20-0532-Rev. E, 06-Jul-2020
11
Document Number: 67754
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL WAVEFORMS
Fig. 38 - Turn-off Time
Fig. 39 - Turn-off Time
Fig. 40 - Turn-off Time
Fig. 41 - Turn-off Time
Fig. 42 - Turn-off Time
Fig. 43 - Turn-off Time
SiP32460/SiP32462
VEN (2V/div)
VOUT (2V/div)
IOUT (20mA/div)
VIN = 5.0V
RL = 500Ω
CL = 0.1μF
Time (100μs/div)
SiP32460/SiP32462
VEN (2V/div)
VOUT (2V/div)
IOUT (20mA/div)
VIN = 5.5V
RL = 500Ω
CL = 0.1μF
Time (100μs/div)
SiP32461
VEN (2V/div)
VOUT (2V/div)
IOUT (20mA/div)
VIN = 5.0V
RL = 500Ω
CL = 0.1μF
Time (20μs/div)
SiP32461
VEN (500mV/div)
VOUT (500mV/div)
IOUT (10mA/div)
VIN = 1.8V
RL = 500Ω
CL = 0.1μF
Time (20μs/div)
SiP32461
VEN (2V/div)
VOUT (2V/div)
IOUT (20mA/div)
VIN = 3.3V
RL = 500Ω
CL = 0.1μF
Time (20μs/div)
SiP32461
VEN (2V/div)
VOUT (2V/div)
IOUT (20mA/div)
VIN = 5.5V
RL = 500Ω
CL = 0.1μF
Time (20μs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com