Electronic Components Datasheet Search
  English  ▼

X  

SIP32461 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # SIP32461
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32461 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button SIP32461 Datasheet HTML 7Page - Vishay Siliconix SIP32461 Datasheet HTML 8Page - Vishay Siliconix SIP32461 Datasheet HTML 9Page - Vishay Siliconix SIP32461 Datasheet HTML 10Page - Vishay Siliconix SIP32461 Datasheet HTML 11Page - Vishay Siliconix SIP32461 Datasheet HTML 12Page - Vishay Siliconix SIP32461 Datasheet HTML 13Page - Vishay Siliconix SIP32461 Datasheet HTML 14Page - Vishay Siliconix SIP32461 Datasheet HTML 15Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Package Information
www.vishay.com
Vishay Siliconix
T19-0364-Rev. D, 07-Oct-2019
1
Document Number: 63459
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
WCSP4: 4 Bumps
(2 x 2, 0.4 mm pitch, 208 μm bump height, 0.8 mm x 0.8 mm die size)
DWG-No: 6004
Notes
(1) Laser mark on the backside surface of die
(2) Bumps are SAC396
(3) 0.05 max. coplanarity
Note
a. Use millimeters as the primary measurement
DIM.
MILLIMETERS a
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.515
0.530
0.545
0.0203
0.0209
0.0215
A1
0.208
0.0082
b
0.250
0.260
0.270
0.0098
0.0102
0.0106
e
0.400
0.0157
D
0.720
0.760
0.800
0.0283
0.0299
0.0315
4 x Ø b
Bump Note 2
A
B
Pin 1 mark
W
B
A
12
1
2
A
B
Mark on backside of die
e
D
Recommended Land Pattern
All dimensions in millimeters
0.4
0.4
4 x Ø 0.15 to Ø 0.20
Solder mask dia. - Pad diameter + 0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com