Electronic Components Datasheet Search
  English  ▼

X  

MAX1706C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1706C/D
Description  1- to 3-Cell, High-Current, Low-Noise
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1706C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1706C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1- to 3-Cell, High-Current, Low-Noise,
Step-Up DC-DC Converters with Linear Regulator
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VOUT = VPOUT = VLBP = 3.6V, CLK/SEL = FB = LBN = LBO = ONA = ONB = TRACK = GND, REF = open (bypassed with 0.22µF),
LX = open, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ONA, ONB, FBLDO, OUT, POUT to GND...................-0.3V to 6V
PGND to GND.....................................................................±0.3V
POUT to OUT ......................................................................±0.3V
LX to PGND ............................................-0.3V to (VPOUT + 0.3V)
CLK/SEL, REF, FB, TRACK, LDO,
LBN, LBP, LBO to GND.......................-0.3V to (VOUT + 0.3V)
LDO Short Circuit .......................................................Continuous
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 8.70mW/°C above +70°C) ...................696mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
CLK/SEL = OUT
-1µA < IREF < 50µA
(Note 1)
IREF = 0µA
CLK/SEL = GND, VFB = VFBLDO = 1.5V,
no load
ONA = GND, ONB = OUT, measure IOUT
(Note 2)
VPOUT = VOUT = 1.5V
VFB = 1.5V
MAX1705, 0A
≤ ILX ≤ 0.5A;
MAX1706, 0A
≤ ILX ≤ 0.25A;
CLK/SEL = OUT
TRACK = VLDO > 2.3V
CLK/SEL = OUT
CONDITIONS
mV
415
Reference Load Regulation
V
1.238
1.250
1.262
Reference Output Voltage
µA
180
360
IOUT
Supply Current in
Low-Noise Mode
V
1.219
1.233
1.247
FB Regulation Voltage
V
0.7
Minimum Operating Battery
Voltage
µA
100
190
IOUT
Supply Current in
Low-Power Mode
µA
120
IOUT
Supply Current in Shutdown
V
2.00
2.15
2.30
Startup to Normal Mode
Transition Voltage
kHz
40
150
300
fLX
Frequency in Startup Mode
nA
0.01
50
FB Input Current
V
2.5
5.5
OUT Adjust Range
%
0.65
1.25
Load Regulation
V
VLDO
VLDO
VLDO
+ 0.2
+ 0.3
+ 0.4
OUT Voltage in Track Mode
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C, ILOAD < 1mA, Figure 2
V
0.9
1.1
Minimum Startup Voltage
2.5V < VOUT < 5.5V
mV
0.2
5
Reference Supply Regulation
DC-DC CONVERTER
REFERENCE
VFB = VFBLDO = 1.5V, no load
FB = GND (LX switching)
2.1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com