Electronic Components Datasheet Search
  English  ▼

X  

MAX1706C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1706C/D
Description  1- to 3-Cell, High-Current, Low-Noise
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1706C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1706C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 8Page - Maxim Integrated Products MAX1706C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1- to 3-Cell, High-Current, Low-Noise,
Step-Up DC-DC Converters with Linear Regulator
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VOUT = VPOUT = VLBP = 3.6V, CLK/SEL = FB = LBN = LBO = ONA = ONB = TRACK = GND, REF = open (bypassed with 0.22µF),
LX = open, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(VOUT = VPOUT = VLBP = 3.6V, CLK/SEL = FB = LBN = LBO = ONA = ONB = TRACK = GND, REF = open (bypassed with 0.22µF)
noted. (Note 4) LX = open, TA = -40°C to +85°C, unless otherwise noted. (Note 4)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Minimum CLK/SEL Pulse
Internal Oscillator Frequency
260
300
340
kHz
200
ns
Maximum CLK/SEL
Rise/Fall Time
100
ns
CONDITIONS
CLK/SEL = OUT
Supply Current in
Low-Power Mode
IOUT
190
µA
CLK/SEL = 0V, FB = FBLDO = 1.5V, no load
Supply Current in Shutdown
IOUT
20
µA
ONA = 0V, ONB = OUT, measure IOUT
OUT Voltage in Track Mode
VLDO +
VLDO +
0.2
0.4
V
TRACK = OUT, VLDO > 2.3V
250
570
MAX1706
MAX1706
CLK/SEL = OUT
CLK/SEL = 0V
MAX1705
CLK/SEL = OUT
CLK/SEL = 0V
0.28
MAX1705
Switch On-Resistance
0.45
Ω
n-channel, ILX = 100mA
550
950
n-Channel MOSFET
Current Limit
ILIM
1000
1700
mA
CLK/SEL = OUT
250
570
0.50
CLK/SEL = 0V
p-channel, ILX = 100mA
PARAMETER
SYMBOL
MIN
TYP
MAX
p-Channel Synchronous-
Rectifier Turn-Off Current
UNITS
CONDITIONS
20
120
mA
Startup to Normal Mode
Transition Voltage
2.0
2.3
V
FB Regulation Voltage
1.215
1.251
V
CLK/SEL = OUT
Reference Output Voltage
1.235
1.265
V
IREF = 0µA
Oscillator Maximum Duty Cycle
80
86
90
%
External Oscillator
Synchronization Range
200
400
kHz
Supply Current in
Low-Noise Mode
IOUT
360
µA
CLK/SEL = OUT, VFB = VFBLDO = 1.5V,
no load
DC-DC CONVERTER
REFERENCE
DC-DC CONVERTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com